Electronic Components Datasheet Search
  English  ▼

X  

AX88179A Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88179A
Description  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88179A Datasheet HTML 1Page - ASIX Electronics Corporation AX88179A Datasheet HTML 2Page - ASIX Electronics Corporation AX88179A Datasheet HTML 3Page - ASIX Electronics Corporation AX88179A Datasheet HTML 4Page - ASIX Electronics Corporation AX88179A Datasheet HTML 5Page - ASIX Electronics Corporation AX88179A Datasheet HTML 6Page - ASIX Electronics Corporation AX88179A Datasheet HTML 7Page - ASIX Electronics Corporation AX88179A Datasheet HTML 8Page - ASIX Electronics Corporation AX88179A Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
Released Date: 25/06/2021
TEL: +886-3-579-9500
FAX: +886-3-579-9558
http://www.asix.com.tw/
ASIX Electronics Corporation
4F, No.8, Hsin Ann Rd.,
Hsinchu Science Park,
Hsinchu, Taiwan 30078
Features
Single chip USB 3.2 Gen 1 to Gigabit
Ethernet controller with Integrated
1G/100M/10M Base-T PHY
USB Device Controller
Integrates on-chip USB Type-C 3.2
Gen1 PHY and controller compliant to
USB Spec 3.2 Gen 1, 2.0 and 1.1
Supports all USB 3.2 Gen 1 power
saving modes (U0, U1, U2, and U3)
Supports USB Super/High/Full Speed
modes with Bus-power or Self-power
device
Gigabit Ethernet Controller
Integrates 10M/100M/1000M Gigabit
Ethernet MAC/PHY, compliant to IEEE
802.3, 802.3u and 802.3ab
Supports CDC-NCM, CDC-ECM
Supports IEEE 802.3az (Energy
Efficient Ethernet, EEE)
Supports AUTO-MDIX, flow control
(IEEE 802.3 Annex.31B)
Supports IPv4/IPv6 Packet Checksum
Offload Engine (COE)
Supports TCP Large Send Offload
V1/V2
Supports up to 16K Jumbo Frame
Supports IEEE 802.1Q VLAN tagging
and 4096 VLAN ID filtering; received
VLAN tag (4 bytes) can be stripped off
or preserved
Supports IEEE 802.1P Layer 2 Priority
Encoding and Decoding
Supports manageability L2 filter
Supports TCO filter, L3/L4 IP/Port filter
Supports Second DA RX filter with bit
mask
Wake-on-LAN Functions
Supports suspend mode and remote
wakeup via link-change, Magic Packet,
Microsoft wakeup frame and external
wakeup pin
Supports Bonjour Wake-on-Demand
Supports Wakeup Packet Indication
Supports Microsoft Modern Standby
Advanced Power Management Features
Supports power management offload
(ARP & NS)
Supports ECMA-393 ProxZzzy® for
sleeping hosts
PTP (Precision Time Protocol)
Supports IEEE 1588v2 and 802.1AS
Supports Windows 10/8.x, Linux/Android
/Chrome OS, Nintendo Switch in-box
drivers, and macOS/Linux native
CDC-NCM driver for driverless, Plug &
Play
Supports embedded eFuse for die
identifier and store the USB Device
Descriptors, Node-ID, etc.
Supports SPI Flash for firmware
customization
Single 20 MHz crystal clock source
Integrates on-chip power-on reset circuit
40-pin QFN, 5x5 mm package
Operating Temperature Range: 0 to
+70°C
Target Applications
Notebook/Laptop Onboard LAN
USB Ethernet Dongle for Ultrabook
/Table/Smart Phone/etc.
Docking Station, POS/PDA Cradle
IP STB, Smart Camera, Smart TV Box
Game Console
5G/LTE Router/Gateway
Document No: AX88179A/V1.00/25/06/21


Similar Part No. - AX88179A

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88179 ASIX-AX88179 Datasheet
271Kb / 2P
USB 3.0 tp 10/100/1000M Gigabit Ethernet Controller
More results

Similar Description - AX88179A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC9021 ETC-TC9021 Datasheet
20Kb / 2P
Gigabit Ethernet Controller
KL5KUSB101 ETC1-KL5KUSB101 Datasheet
300Kb / 17P
USB to Ethernet Controller
logo
ASIX Electronics Corpor...
AX88178L ASIX-AX88178L Datasheet
218Kb / 35P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
AX88178 ASIX-AX88178 Datasheet
812Kb / 37P
USB to 10/100/1000 Gigabit Ethernet/HomePNA Controller
logo
Intel Corporation
82571EB INTEL-82571EB Datasheet
334Kb / 4P
Gigabit Ethernet Controller
82544EI INTEL-82544EI Datasheet
368Kb / 52P
Gigabit Ethernet Controller
logo
Cypress Semiconductor
CYUSB3610 CYPRESS-CYUSB3610 Datasheet
915Kb / 35P
EZ-USB GX3: SuperSpeed USB to Gigabit Ethernet Bridge Controller
logo
Texas Instruments
TUSB8042A TI1-TUSB8042A Datasheet
1Mb / 55P
Four-port USB 3.2 x1 Gen1 Hub
logo
Tripp Lite. All Rights ...
U436-06N-2P5 TRIPPLITE-U436-06N-2P5 Datasheet
162Kb / 3P
USB-C to RJ45 Gigabit Ethernet Network Adapter (M/F) - USB 3.2 Gen 1, 2.5 Gbps Ethernet
logo
Intel Corporation
82545EM INTEL-82545EM Datasheet
774Kb / 28P
Gigabit Ethernet Controller
June 6, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com