Electronic Components Datasheet Search
  English  ▼

X  

AX88179A Datasheet(PDF) 13 Page - ASIX Electronics Corporation

Part # AX88179A
Description  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A Datasheet(HTML) 13 Page - ASIX Electronics Corporation

Back Button AX88179A Datasheet HTML 9Page - ASIX Electronics Corporation AX88179A Datasheet HTML 10Page - ASIX Electronics Corporation AX88179A Datasheet HTML 11Page - ASIX Electronics Corporation AX88179A Datasheet HTML 12Page - ASIX Electronics Corporation AX88179A Datasheet HTML 13Page - ASIX Electronics Corporation AX88179A Datasheet HTML 14Page - ASIX Electronics Corporation AX88179A Datasheet HTML 15Page - ASIX Electronics Corporation AX88179A Datasheet HTML 16Page - ASIX Electronics Corporation AX88179A Datasheet HTML 17Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
Copyright © 2020-2021 ASIX Electronics Corporation. All rights reserved.
5 Electrical Specifications
DC Characteristics
5.1.1
Recommended Operating Condition
Symbol
Parameter
Min
Typ
Max
Units
AVDD33_USB
3.3V Analog Power Input of USB.
2.97
3.3
3.63
V
AVDD33_SSUSB
3.3V Analog Power Input of SS USB.
2.97
3.3
3.63
V
AVDD11_SSUSB
1.1V Analog Power Input of SS USB.
1.045
1.1
1.155
V
DVDD11
1.1V Digital Power.
1.045
1.1
1.155
V
DVDD33
3.3V I/O Power.
2.97
3.3
3.63
V
AVDD33_BUCK
3.3V Analog Power Input of BUCK.
2.97
3.3
3.63
V
AVDD33_XTAL
3.3V Analog Power Input of Crystal.
2.97
3.3
3.63
V
AVDD33_GBE
3.3V Analog Power Input of Ethernet PHY.
2.97
3.3
3.63
V
AVDD11_GBE
1.1V Analog Power Input of Ethernet PHY.
1.045
1.1
1.155
V
Tj
operating junction temperature
0
25
125
℃
Ta
operating ambient temperature
0
-
70
℃
5.1.2
DC Characteristics of 3.3V I/O Pins
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DVDD33 Power supply of 3.3V I/O.
3.3V I/O
2.97
3.3
3.63
V
Vil
Input low voltage.
LVTTL
-
-
0.8
V
Vih
Input high voltage.
2.0
-
-
V
Vt-
Schmitt trigger negative going threshold
voltage.
LVTTL
0.8
1.1
-
V
Vt+
Schmitt trigger positive going threshold
voltage
-
1.6
2.0
V
Vol
Output low voltage.
Iol = 4 ~ 8mA
-
-
0.4
V
Voh
Output high voltage.
Ioh = 4 ~ 8mA
DVDD33
-0.4
-
-
V
Vopu (1) Output pull-up voltage for 5V tolerant IO
With internal
pull-up resistor
DVDD33
– 0.9
-
-
V
Rpu
Input pull-up resistance.
40
75
190
KΩ
Rpd
Input pull-down resistance.
40
75
190
KΩ
Iin
Input leakage current.
Vin = 3.3 or 0V
-
±6
-
μA
Input leakage current with pull-up resistance.
Vin = 0 V
-
-45
-
μA
Input
leakage
current
with
pull-down
resistance.
Vin = DVDD33
-
45
-
μA
Note: This parameter indicates that the pull-up resistor for the I/O pins cannot reach DVDD33 DC level even
without DC loading current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com