Electronic Components Datasheet Search
  English  ▼

X  

AX88179A Datasheet(PDF) 17 Page - ASIX Electronics Corporation

Part # AX88179A
Description  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A Datasheet(HTML) 17 Page - ASIX Electronics Corporation

Back Button AX88179A Datasheet HTML 13Page - ASIX Electronics Corporation AX88179A Datasheet HTML 14Page - ASIX Electronics Corporation AX88179A Datasheet HTML 15Page - ASIX Electronics Corporation AX88179A Datasheet HTML 16Page - ASIX Electronics Corporation AX88179A Datasheet HTML 17Page - ASIX Electronics Corporation AX88179A Datasheet HTML 18Page - ASIX Electronics Corporation AX88179A Datasheet HTML 19Page - ASIX Electronics Corporation AX88179A Datasheet HTML 20Page - ASIX Electronics Corporation AX88179A Datasheet HTML 21Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
17
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
Copyright © 2020-2021 ASIX Electronics Corporation. All rights reserved.
Power–up Sequence
Figure 5-2: Power-up Sequence Timing Diagram
Symbol
Parameter
Conditions
Min
Typ
Max Units
Trise3
3.3V power supply rise time.
From 0V to 3.3V.
-
400
-
us
Trise2
1.1V power supply rise time.
From 0V to 1.1V.
-
200
-
us
T23
Interval between DVDD33 rising to
2.64V(80%) to DVDD11 rising to
0.88V(80%)
2
-
4
ms
Trst
RST_N asserted low level interval.
From DVDD33 rising to 3.3V to
RST_N going high.
-
40
-
us
Tclk
20MHz
crystal
oscillator
start-up
time.
From DVDD33 rising to 3.3V to
clock stable of 20MHz crystal
oscillator.
-
-
20
ms
Note: The above typical timing data is measured from AX88179A test board.
Table 5-4: Power-up Sequence Timing Table
0V
3.3V
Trise3
0V
1.1V
Trise2
T23
Tclk
Trst
DVDD11
DVDD33
RST_N
XTAL_IN
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com