Electronic Components Datasheet Search
  English  ▼

X  

AX88179A Datasheet(PDF) 6 Page - ASIX Electronics Corporation

Part # AX88179A
Description  USB 3.2 Gen1 to Gigabit Ethernet Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88179A Datasheet(HTML) 6 Page - ASIX Electronics Corporation

Back Button AX88179A Datasheet HTML 2Page - ASIX Electronics Corporation AX88179A Datasheet HTML 3Page - ASIX Electronics Corporation AX88179A Datasheet HTML 4Page - ASIX Electronics Corporation AX88179A Datasheet HTML 5Page - ASIX Electronics Corporation AX88179A Datasheet HTML 6Page - ASIX Electronics Corporation AX88179A Datasheet HTML 7Page - ASIX Electronics Corporation AX88179A Datasheet HTML 8Page - ASIX Electronics Corporation AX88179A Datasheet HTML 9Page - ASIX Electronics Corporation AX88179A Datasheet HTML 10Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
Copyright © 2020-2021 ASIX Electronics Corporation. All rights reserved.
AX88179A
USB 3.2 Gen1 to Gigabit Ethernet Controller
1 Introduction
General Description
The AX88179A USB 3.2 Gen1 to 10/100/1000M Gigabit Ethernet controller is a high performance and highly
integrated ASIC which enables low cost, small form factor, and simple plug-and-play Gigabit Ethernet network
connection capability for desktops, notebook PC’s, Ultrabook’s, docking stations, game consoles, digital-home
appliances, and any embedded system using a standard USB port.
The AX88179A features a USB interface to communicate with a USB Host Controller and is compliant with USB
specification V3.2 Gen1, V2.0, and V1.1. It implements a 10/100/1000Mbps Ethernet LAN function based on
IEEE802.3, IEEE802.3u, and IEEE802.3ab standards with embedded SRAMs for packet buffering. And, it also
integrates an on-chip 10/100/1000Mbps EEE-compliant Ethernet PHY to simplify system design.
Block Diagram
Figure 1-1: AX88179A Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com