Electronic Components Datasheet Search
  English  ▼

X  

AD9879BSZ Datasheet(PDF) 15 Page - Analog Devices

Part # AD9879BSZ
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879BSZ Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9879BSZ Datasheet HTML 11Page - Analog Devices AD9879BSZ Datasheet HTML 12Page - Analog Devices AD9879BSZ Datasheet HTML 13Page - Analog Devices AD9879BSZ Datasheet HTML 14Page - Analog Devices AD9879BSZ Datasheet HTML 15Page - Analog Devices AD9879BSZ Datasheet HTML 16Page - Analog Devices AD9879BSZ Datasheet HTML 17Page - Analog Devices AD9879BSZ Datasheet HTML 18Page - Analog Devices AD9879BSZ Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
AD9879
Rev. A | Page 15 of 32
Σ-∆ OUTPUTS
The AD9879 contains an on-chip Σ-Δ output that provides a
digital logic bit stream with an average duty cycle that varies
between 0% and (4095/4096)%, depending on the programmed
code, as shown in Figure 7.
This bit stream can be low-pass filtered to generate a
programmable dc voltage of
VDC = (Σ-Δ Code/4096)(VH) + VL
(8)
where:
VH = VDRVDD − 0.6 V
VL = 0.4 V
In set-top box and cable modem applications, the output can be
used to control external variable gain amplifiers or RF tuners. A
simple single-pole RC low-pass filter provides sufficient
filtering (see Figure 8).
In more demanding applications where additional gain, level
shift, or drive capability is required, a first or second order
active filter might be considered for each Σ-Δ output (see Figure 9).
0x000
0x001
0x002
0x800
0xFFF
4096
× 8 tMCLK
4096
× 8 tMCLK
8
tMCLK
8
tMCLK
Figure 7. Σ-∆ Output Signals
Σ-∆
CONTROL
WORD
12
DAC
R
C
DC (VL TO VH)
TYPICAL:
R = 50k
Ω
C = 0.1
µF
f–3dB = 1/(2πRC) = 318Hz
÷8
MCLK
AD9879
Figure 8. Σ-∆ RC Filter
R
C
VOUT = (VSD + VOFFSET) (1 + R/R1)/2
TYPICAL:
R = 50k
Ω
C = 0.1
µF
f–3dB = 1/(2πRC) = 318Hz
AD9879
R
VOFFSET
OP250
R1
R
C
VSD
VOUT
Σ-∆
SIGMA-DELTA
Figure 9. Σ-∆ Active Filter with Gain and Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com