Electronic Components Datasheet Search
  English  ▼

X  

AD9879BSZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9879BSZ
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879BSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9879BSZ Datasheet HTML 16Page - Analog Devices AD9879BSZ Datasheet HTML 17Page - Analog Devices AD9879BSZ Datasheet HTML 18Page - Analog Devices AD9879BSZ Datasheet HTML 19Page - Analog Devices AD9879BSZ Datasheet HTML 20Page - Analog Devices AD9879BSZ Datasheet HTML 21Page - Analog Devices AD9879BSZ Datasheet HTML 22Page - Analog Devices AD9879BSZ Datasheet HTML 23Page - Analog Devices AD9879BSZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9879
Rev. A | Page 20 of 32
SERIAL INTERFACE FOR REGISTER CONTROL
The AD9879 serial port is a flexible, synchronous serial
communication port that allows easy interface to many
industry-standard microcontrollers and microprocessors. The
interface allows read/write access to all registers that configure
the AD9879. Single or multiple byte transfers are supported.
Also, the interface can be programmed to read words either
MSB first or LSB first. The serial interface port of the AD9879
I/O can be configured to have one bidirectional I/O (SDIO) pin
or two unidirectional I/O (SDIO/SDO) pins.
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases to a communication cycle with the
AD9879. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9879 that is coincident with the
first eight SCLK rising edges. The instruction byte provides the
AD9879 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The Phase 1 instruction byte defines whether the
upcoming data transfer is a read or write, the number of bytes
in the data transfer, and the starting register address for the first
byte of the data transfer. The first eight SCLK rising edges of
each communication cycle are used to write the instruction byte
into the AD9879.
The eight remaining SCLK edges are for Phase 2 of the
communication cycle. Phase 2 is the actual data transfer
between the AD9879 and the system controller. Phase 2 of the
communication cycle is a transfer of 1 to 4 data bytes as deter-
mined by the instruction byte. Normally, using one multibyte
transfer is the preferred method. However, single byte data
transfers are useful to reduce CPU overhead when register
access requires one byte only. Registers change immediately
upon writing to the last bit of each transfer byte.
INSTRUCTION BYTE
Table 9 illustrates the information contained in the instruction byte.
Table 9. Instruction Byte Information
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
The R/W bit of the instruction byte determines whether a read
or a write data transfer will occur after the instruction byte
write. Logic high indicates a read operation. Logic low indicates
a write operation. The N1:N0 bits determine the number of
bytes to be transferred during the data transfer cycle. The bit
decodes are shown in Table 10.
Table 10. Bit Decodes
N1
N0
Description
0
0
Transfer 1 byte
0
1
Transfer 2 bytes
1
0
Transfer 3 bytes
1
1
Transfer 4 bytes
The Bits A4:A0 determine which register is accessed during the
data transfer portion of the communication cycle. For multibyte
transfers, this address is the starting byte address. The
remaining register addresses are generated by the AD9879.
SERIAL INTERFACE PORT PIN DESCRIPTION
SCLK—Serial Clock
The serial clock pin is used to synchronize data transfers from
the AD9879 and to run the serial port state machine. The
maximum SCLK frequency is 15 MHz. Input data to the
AD9879 is sampled upon the rising edge of SCLK. Output data
changes upon the falling edge of SCLK.
CS—Chip Select
Active low input starts and gates a communication cycle. It
allows multiple devices to share a common serial port bus. The
SDO and SDIO pins go to a high impedance state when CS is
high. Chip select should stay low during the entire communica-
tion cycle.
SDIO—Serial Data I/O
Data is always written into the AD9879 on this pin. However,
this pin can be used as a bidirectional data line. The configura-
tion of this pin is controlled by Bit 7 of Register 0x00. The
default is Logic 0, which configures the SDIO pin as uni-
directional.
SDO—Serial Data Out
Data is read from this pin for protocols that use separate lines
for transmitting and receiving data. When the AD9879 operates
in a single bidirectional I/O mode, this pin does not output data
and is set to a high impedance state.
MSB/LSB TRANSFERS
The AD9879 serial port can support both MSB first or LSB first
data formats. This functionality is controlled by the LSB-first bit
in Register 0x00. The default is MSB first.
When this bit is set active high, the AD9879 serial port is in
LSB-first format. In LSB-first mode, the instruction byte and
data bytes must be written from the LSB to the MSB. In LSB-
first mode, the serial port internal byte address generator
increments for each byte of the multibyte communication cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com