Electronic Components Datasheet Search
  English  ▼

X  

AD9879BSZ Datasheet(PDF) 29 Page - Analog Devices

Part # AD9879BSZ
Description  Mixed-Signal Front End Set-Top Box, Cable Modem
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9879BSZ Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9879BSZ Datasheet HTML 24Page - Analog Devices AD9879BSZ Datasheet HTML 25Page - Analog Devices AD9879BSZ Datasheet HTML 26Page - Analog Devices AD9879BSZ Datasheet HTML 27Page - Analog Devices AD9879BSZ Datasheet HTML 28Page - Analog Devices AD9879BSZ Datasheet HTML 29Page - Analog Devices AD9879BSZ Datasheet HTML 30Page - Analog Devices AD9879BSZ Datasheet HTML 31Page - Analog Devices AD9879BSZ Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
AD9879
Rev. A | Page 29 of 32
GROUND PLANES
In general, if the component placing guidelines discussed in the
Component Placement section can be implemented, it is best to
have at least one continuous ground plane for the entire board.
All ground connections should be made as short as possible.
This results in the lowest impedance return paths and the
quietest ground connections.
If the components cannot be placed in a manner that keeps the
high frequency ground currents from traversing under the
MxFE and analog components, it may be necessary to put
current steering channels into the ground plane to route the
high frequency currents around these sensitive areas. These
current steering channels should be made only when and where
necessary.
SIGNAL ROUTING
The digital Rx and Tx signal paths should be kept as short as
possible. Also, these traces should have a controlled impedance
of about 50 Ω. This prevents poor signal integrity and the high
currents that can occur during undershoot or overshoot caused
by ringing. If the signal traces cannot be kept shorter than
approximately 1.5 inches, then series termination resistors
(33 Ω to 47 Ω) should be placed close to all signal sources. It is
advisable to series terminate all clock signals at their source
regardless of trace length.
The receive (I IN, Q IN, and RF IN) signals are the most
sensitive signals on the entire board. Careful routing of these
signals is essential for good receive path performance. The Rx±
signals form a differential pair and should be routed together as
a pair. By keeping the traces adjacent to each other, noise
coupled onto the signals appears as common-mode and is
largely rejected by the MxFE receive input. Keeping the driving
point impedance of the receive signal low and placing any low-
pass filtering of the signals close to the MxFE further reduces
the possibility of noise corrupting these signals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com