Electronic Components Datasheet Search
  English  ▼

X  

HT8693 Datasheet(PDF) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693
Description  10W Anti-Clipping Mono Class D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693 Datasheet(HTML) 5 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8693 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
HT8693
单声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-5-
08/2016 – V1.02
注
6: 此处负载使用4ohm+22uH来模拟喇叭,下同。
VDD = 7.2V
参数
符号
条件
最小值
典型值
最大值
单位
Class D Channel
VSS=0V, Av=26dB, Ta=25ºC, CIN=0.1uF, ACF-Off模式, 除非特殊说明
输出功率
PO
RL=4Ω
f=1kHz,
THD+N=10%
7.0
W
RL=8Ω
3.8
RL=4Ω,
f=1kHz,
THD+N=1%
5.7
RL=8Ω
3.1
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω, f=1kHz
0.22
%
PO=1.0W
0.17
%
PO=3.0W
0.27
%
输出噪声
VN
f=20Hz~20kHz, A加权
150
µVrms
信噪比
SNR
A加权, Av=26dB, THD+N = 1%
91
dB
失调电压
VOS
±
14
mV
静态电流
IDD
No Load
Input
Grounded
7.5
mA
With Load
*6
12
mA
关断电流
ISD
No Load
CTRL=VSS
0.5
µA
With Load
*6
0.5
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF-1 ON
1.50
Vrms
系统增益
Av0
RIN=56 kΩ
26.1
dB
Class AB Channel
VSS=0V, Av=20dB, Ta=25ºC, CIN=0.1uF, 除非特殊说明
输出功率
PO
RL=4Ω,
f=1kHz,
THD+N=10%
6.7
W
RL=8Ω
3.7
W
RL=4Ω
f=1kHz,
THD+N=1%
5.4
W
RL=8Ω
3.0
W
总谐波失真加噪声
THD+N
PO=0.1W
RL=4Ω, f=1kHz
0.08
%
PO=1W
0.10
%
PO=3W
0.13
%
输出噪声
VN
f=20Hz~20kHz, A加权
75
µVrms
信噪比
SNR
A加权, Av=20dB, THD+N = 1%
96
dB
失调电压
VOS
±
3
mV
静态电流
IDD
No Load
Input
Grounded
25
mA
With Load
*6
25
mA
关断电流
ISD
No Load
CTRL=VSS
28
µA
With Load
*6
28
µA
最大输入信号
VIN_max
fIN = 1kHz, THD+N≤10%,
ACF OFF
0.65
Vrms
系统增益
Av0
RIN=56 kΩ
18.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com