Electronic Components Datasheet Search
  English  ▼

X  

HT8693 Datasheet(PDF) 12 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693
Description  10W Anti-Clipping Mono Class D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693 Datasheet(HTML) 12 Page - Jiaxing Heroic Technology Co.,Ltd.

Back Button HT8693 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 10Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 11Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 12Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 13Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 14Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 15Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 16Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
HT8693
单声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-12-
08/2016 – V1.02
Class AB Channel
Condition: Class AB mode, VDD = 2.5~8.5V, fIN = 1kHz, RIN = 56k, Output = Load = 4ohm, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com