Electronic Components Datasheet Search
  English  ▼

X  

HT8693 Datasheet(PDF) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

Part # HT8693
Description  10W Anti-Clipping Mono Class D Audio Amplifier
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HEROIC [Jiaxing Heroic Technology Co.,Ltd.]
Direct Link  http://www.heroic.com.cn/en/index.asp
Logo HEROIC - Jiaxing Heroic Technology Co.,Ltd.

HT8693 Datasheet(HTML) 1 Page - Jiaxing Heroic Technology Co.,Ltd.

  HT8693 Datasheet HTML 1Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 2Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 3Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 4Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 5Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 6Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 7Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 8Page - Jiaxing Heroic Technology Co.,Ltd. HT8693 Datasheet HTML 9Page - Jiaxing Heroic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
HT8693
单声道音频功放
版权所有
©2016, 嘉兴禾润电子科技有限公司
-1-
08/2016 – V1.02
10W防破音单声道D类音频功放
9W单声道AB类音频功放
 特点
・防削顶失真功能(Anti-Clipping Function, ACF)
・免滤波器数字调制,直接驱动扬声器
・输出功率
10W (Class D,VDD=8.5V, RL=4Ω, THD+N=10%)
9W (Class AB,VDD=8.5V, RL=4Ω, THD+N=10%)
・具有D类和AB类两种工作模式
・过流保护功能
・过热保护功能
・欠压异常保护功能
・无铅无卤封装,SOP8L-PP
 应用
・蓝牙音箱
・便携式音箱
・2.1声道小音箱
・扩音器
・iphone/ipod/ipod docking
・拉杆音箱
・平板电脑,笔记本电脑
・便携式游戏机
・小尺寸LCD电视/监视器
・MP4, 导航仪
 概述
HT8693是一款具有D类和AB类两种工作模式的
音频功率放 大器。
D 类 模式下,在 VDD=8.5V 、
THD+N=10%、4Ω负载下,能连续输出10W功率;
AB类模式下,在VDD=8.5V、THD+N=10%、4Ω负
载下,能连续输出
9W功率。
HT8693 在 D 类工作 模式 下具有 防削 顶失真
(
ACF)输出控制功能,可检测并抑制由于输入音乐、
语音信号幅度过大所引起的输出信号削顶失真(破
音),显著提高音质,创造舒适听音享受,并保护扬
声器免受过载损坏。同时芯片也具有
ACF-Off 模式可
配置。
HT8693可实现AB类和D类的自由切换功能,在
受到
D类功放EMI干扰困扰时,可随时切换至AB类音
频功放模式。
此外,
HT8693内置的关断功能使待机电流最小
化,还集成了输出端过流保护、片内过温保护和电源
欠压异常保护等功能。
 典型应用图
VDD
IN+
RIN
RIN
HT8693
IN-
0.1uF
1KΩ
1µF
10 µF
470 F
µ
0.1uF
CTRL
ABD
GND
OUT+
OUT-
CIN
CIN
56KΩ
56KΩ
VDD
IN+
RIN
RIN
HT8693B
IN-
0.1uF
1KΩ
1µF
10 µF
470 F
µ
0.1uF
CTRL
MUCH
GND
OUT+
OUT-
CIN
CIN
56KΩ
56KΩ


Similar Part No. - HT8693

ManufacturerPart #DatasheetDescription
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
HT8693SP HEROIC-HT8693SP Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
More results

Similar Description - HT8693

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
10W MONO CLASS-D AMPLIFIER
Sep-1998
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
10W MONO CLASS-D AMPLIFIER
Feb-1998
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
Mono Class-D Audio Amplifier
logo
Diodes Incorporated
PAM8012 DIODES-PAM8012 Datasheet
450Kb / 14P
MONO 2.0W ANTI-SATURATION CLASS-D AUDIO POWER AMPLIFIER
Rev 1
logo
Jiaxing Heroic Technolo...
HT8693 HEROIC-HT8693 Datasheet
175Kb / 2P
10W anti-breaking mono D-class audio amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6872 YONGFUKANG-HT6872 Datasheet
610Kb / 12P
4.7W anti-cutting top mono Class D audio power amplifier
logo
Shenzhen Huazhimei Semi...
HM8881 HMSEMI-HM8881 Datasheet
1Mb / 13P
6.4W Anti-Clipping Mono Audio Power Amplifier
HM2011 HMSEMI-HM2011 Datasheet
941Kb / 14P
4.7W Anti-cutting Mono Class D Audio Power Amplifier
HM8874 HMSEMI-HM8874 Datasheet
1Mb / 17P
10W anti-breaking sound mono Class D audio power amplifier
logo
Shenzhen Naxinwei Techn...
NS4110 NSIWAY-NS4110 Datasheet
611Kb / 14P
Class AB/D dual-mode, 10W mono audio amplifier
V1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com