Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 16 Page - OmniVision Technologies, Inc.

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7640 Datasheet(HTML) 16 Page - OmniVision Technologies, Inc.

Back Button OV7640 Datasheet HTML 10Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 11Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 12Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 13Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 14Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 15Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 16Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 17Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 18Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Proprietary to OmniVision Technologies
Version 1.3, January 15, 2003
OV7640/OV7140
CMOS VGA (640 x 480) CAMERACHIP™
Omni ision
Sensor Array Center
Figure 9 OV7640/OV7140 Sensor Array Center
OV7640/OV7140 Die
Image Array
Die Y-Centerline
Die X-Centerline
Array Center
(0.2273, 0.1222)
Pin 1
3.6512 mm
2.7328 mm
NOTES: Due to the lens inversion, in order for the image to be right-side up, the OV7640/OV7140
must be mounted Pin 1 down.
Picture is for reference only, not to scale.
Die shift (x,y) = 0.15 mm (6 mils) max.
Die tilt = 1 degrees max.
Die rotation = 3 degrees max.
Positional Tolerances



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com