Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 3 Page - OmniVision Technologies, Inc.

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7640 Datasheet(HTML) 3 Page - OmniVision Technologies, Inc.

  OV7640 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 2Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 3Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 4Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 5Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 6Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 7Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 8Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 9Page - OmniVision Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Functional Description
Version 1.3, January 15, 2003
Proprietary to OmniVision Technologies
3
Omni ision
Image Sensor Array
The OV7640/OV7140 CAMERACHIPS has an active image
array size of 640 columns x 480 rows (307,200 pixels).
However, the full array contains 652 columns and 486
rows, with the extra 6 rows used for black-level calibration
(“Optical Black”) and color interpolation information.
Figure 3 shows a cross-section of the image sensor array.
Figure 3 Image Sensor Array
Timing Generator
In general, the timing generator controls these functions:
•
Array control and frame generation (VGA and QVGA
outputs)
•
Internal timing signal generation and distribution
•
Frame rate timing
•
Automatic Exposure Control (AEC)
•
External timing outputs (VSYNC, HREF and PCLK)
Analog Processing Block
This block performs all analog image functions including:
•
Automatic Gain Control (AGC)
•
Automatic White Balance (AWB)
•
Image quality controls including:
– Color saturation
–Hue
–Gamma
– Sharpness (edge enhancement)
– Anti-blooming
– Zero smearing
Color Filter
Microlens
Photo Diode
A/D Converters
After the Analog Processing Block, the color channel data
signal is fed to two 8-bit Analog-to-Digital (A/D) converters
via the multiplexers, one for the Y/G channel and one
shared by the CrCb/BR channels. These A/D converters
operate
at
speeds
up
to
12MHz,
and
are
fully
synchronous to the pixel rate (actual conversion rate is
related to the frame rate).
In addition to the A/D conversion, this block also has the
following functions:
•
Digital Black-Level Calibration (BLC)
•
Optional U/V channel delay
•
Additional A/D range controls
In general, the combination of the A/D Range Multiplier
and A/D Range Control sets the A/D range and maximum
value to allow the user to adjust the final image brightness
as a function of the individual application.
Output Formatter
This block controls all output and data formatting required
prior to sending the image out.
Digital Video Port
These two bits increase IOL / IOH drive current and can be
adjusted as a function of the customer’s loading:
SCCB Interface
The Serial Camera Control Bus (SCCB) interface controls
the CAMERACHIP operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com