Electronic Components Datasheet Search
  English  ▼

X  

OV7640 Datasheet(PDF) 14 Page - OmniVision Technologies, Inc.

Part # OV7640
Description  OV7640 Color CMOS VGA (640 x 480) CAMERACHIPTM OV7140 B&W CMOS VGA (640 x 480) CAMERACHIPTM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7640 Datasheet(HTML) 14 Page - OmniVision Technologies, Inc.

Back Button OV7640 Datasheet HTML 10Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 11Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 12Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 13Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 14Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 15Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 16Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 17Page - OmniVision Technologies, Inc. OV7640 Datasheet HTML 18Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
Proprietary to OmniVision Technologies
Version 1.3, January 15, 2003
OV7640/OV7140
CMOS VGA (640 x 480) CAMERACHIP™
Omni ision
73
HSDYF
50
RW
Data Format – HSYNC Falling Edge Delay LSB
HSYNCF[9:0] = MSB + LSB = COML[1:0] + HSDYF[7:0]
• Range 000 to 762 pixel delays
74
COMM
20
RW
Common Mode Control M
Bit[7]:
Reserved
Bit[6:5]:
AGC – Maximum Gain Select
00:
+6db
01:
+12db
10:
+6db
11:
+18db
Bit[4:0]:
Reserved
75
COMN
02
RW
Common Mode Control N
Bit[7]:
Output Format – Vertical Flip Enable
Bit[6:0]:
Reserved
76
COMO
01
RW
Common Mode Control O
Bit[7:6]:
Reserved
Bit[5]:
Standby Mode Enable
Bit[4:3]:
Reserved
Bit[2]:
SCCB – Tri-State Enable – VSYNC, HREF and PCLK
Bit[1:0]:
Reserved
77-7D
RSVD
XX
–
Reserved
7E
AVGY
00
RW
AEC – Digital Y/G Channel Average
(Automatically updated by AGC/AEC, user can only read the values)
7F
AVGR
00
RW
AEC – Digital R/V Channel Average
(Automatically updated by AGC/AEC, user can only read the values)
Note: This function is not available on the B&W OV7140.
80
AVGB
00
RW
AEC – Digital B/U Channel Average
(Automatically updated by AGC/AEC, user can only read the values)
Note: This function is not available on the B&W OV7140.
NOTE: All other registers are factory-reserved. Please contact OmniVision Technologies for reference register settings.
Table 5
SCCB Register List
Address
(Hex)
Register
Name
Default
(Hex)
R/W
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com