Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  LED constant current control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 3 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LED constant current control chip
RM9003B
RM9003_Rev.19.01
www.reactor-micro.com
- 3-
Typical application:
S
LED1
LED2
LEDN
RS
L
N
Figure1:single drive
RM9003X
S
LED1
LED2
LEDN
RS
L
N
RM9003X
S
RS
Figure 2: Two parallel drive
Electrical Operating Parameters:
(Ambient temperature is 25°C if there is no special instruction )
Symbol
Parameters
Test condition
Min
Typ
Max
Unit
Von
Work the minimum
voltage
S1=30mA
6
-
-
V
VDS
Drive end peak voltage
500
-
-
V
IS
Working current
100℃
5
-
100
mA
Vref
Reference voltage
25℃
-
0.6
-
V
Idd
Quiescent current
Vd=10V
-
0.3
-
mA
OTP
Over-temperature
adjustment point
-
130
-
℃



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com