Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  LED constant current control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 4 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LED constant current control chip
RM9003B
RM9003_Rev.19.01
www.reactor-micro.com
- 4-
Functional Block Diagram:
Application information:
In the linear circuit, the voltage at both ends of the IC is caused by the variation of the
input voltage (or the residual voltage in addition to the LED string),So that the power
consumption of IC changes, and in the whole circuit IC to assume the power of the
remaining power, constant LED series current, control the temperature of the LED lamp
characteristics.
Amount of selection:
Because the IC bear the residual voltage in the circuit, so in the design of the voltage of
the LED string closer to AC rectifier after the voltage, so that the whole circuit running
efficiency to achieve the best. Proposed chip power consumption is less than 1.5W.
The AC input voltage (V rms), single LED grain to drop (V), forward current (m A). Then
design the total number of LED grains:
N൥⩗=( 쨰ᆋ×1.414− )
V:ThevoltageICisassumedinthecircuit,thebiggerthevoltage,thegreaterthelossof
IC itself.
Constant current control function:
Chip built-in current limiting module, when the current flow through the chip is greater than
the chip determines the maximum value, the chip off D feet and S feet, so that the circuit is
in an instant off state, At the same time, once again, the D pin and the S pin are opened,
so that the current of the whole linear circuit is switched on and off, so that the current
flowing through the LED is constant.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com