Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  LED constant current control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
LED constant current control chip
RM9003B
RM9003_Rev.19.01
www.reactor-micro.com
- 1-
General Description :
RM9003B is a one_stage LED constant
current
driving
control
chip
which
Compatible with silicon controlled dimmer
application.Output current stay a constant
in the range of 5m~100mA as once set by
external SENSE resistor.
It has the advantages of simpler system
structure fewer peripheral components
and simpler circuit.
Applications :
LED Fluorescent tube T5/T8/T10…
LED Bulb/Corn light/Candle lamp…
Other small power LED lighting…
Features:
Simpler peripheral circuit without
magnetic components
Chips can be used in series or parallel
application
Chips and LED can be welded in the
same PCB board
Output current can be set by external
resistor
Application circuit has no EMI
problems
Built_in 500V high voltage MOS
Over temperature regulation
Package:ESOP8、TO252、SOT89-3
Packaging information:
ESOP8
SOT89-3
TO252-3
RM9003B
RM9003B
RM9003B
Pin Schematic Diagram:
GND
1
2 S1
3 NC
4 NC
5
NC
6
NC
7
D1
8
NC
U1
9003E
D
3
1
<Value>
U?
S
2
2
GND
U?
S
GND 2
D
3
1
<Value>
RM9003B
RM9003B
RM9003B


Similar Part No. - RM9003B

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear 220V/18W/T8 tube light scheme
RM9003B REACTOR-RM9003B Datasheet
197Kb / 2P
High-voltage linear 220V/18W/external T8 tube light scheme
RM9003B REACTOR-RM9003B Datasheet
187Kb / 2P
High-voltage linear E27/120V/ 4W/no stroboscopic high PF filament lamp solution
RM9003B REACTOR-RM9003B Datasheet
235Kb / 2P
High-voltage linear 220V/6W thyristor dimming high PF bulb lamp solution
RM9003B REACTOR-RM9003B Datasheet
235Kb / 3P
120V 10W thyristor dimming without stroboscopic scheme
More results

Similar Description - RM9003B

ManufacturerPart #DatasheetDescription
logo
Linkage Goston Electron...
SM2082C LINKAGE-SM2082C Datasheet
4Mb / 12P
Single channel LED constant current drive control chip
SM2082ED LINKAGE-SM2082ED Datasheet
2Mb / 13P
Single channel LED constant current drive control chip
SM2082EG LINKAGE-SM2082EG Datasheet
2Mb / 13P
Dual channel LED linear constant current control chip
SM2082EK LINKAGE-SM2082EK Datasheet
3Mb / 14P
Dual channel LED linear constant current control chip
SM2082G LINKAGE-SM2082G Datasheet
2Mb / 13P
Single channel LED linear constant current control chip
SM2082GF LINKAGE-SM2082GF Datasheet
2Mb / 11P
Single channel LED linear constant current control chip
logo
Shenzhen Huazhimei Semi...
HM6289A HMSEMI-HM6289A Datasheet
744Kb / 8P
high-power LED constant current drive control chip
HM9851 HMSEMI-HM9851 Datasheet
587Kb / 7P
LED constant current drive control chip
HM7142 HMSEMI-HM7142 Datasheet
599Kb / 6P
Single channel constant current LED control chip
HM7162A HMSEMI-HM7162A Datasheet
734Kb / 11P
Single channel LED linear constant current control chip
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com