Electronic Components Datasheet Search
  English  ▼

X  

RM9003B Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM9003B
Description  LED constant current control chip
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM9003B Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM9003B Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 4Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 5Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 6Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 7Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM9003B Datasheet HTML 8Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LED constant current control chip
RM9003B
RM9003_Rev.19.01
www.reactor-micro.com
- 2-
Pin Description:
PIN
Description
D
Drain of built_in MOS of D
GND
Ground for internal circuitry.
S1
Current sense input of Sample
NC
The vacant port
Marking Information
Ordering Information
Part Number
Case
Packaging
RM9003B
TO-252
2.5K
RM9003B
E-SOP8
4K
RM9003B
SOP89-3
4K
Limiting Values:
Symbol
Characteristic parameters
Range
S1
Current sense input.
-0.3v to 7v
TJ
Min/Max Operating Junction Temperature
-40℃ to 150℃
Tc
Work Temperature
-40℃ to 100℃
TSTG
Min/Max Storage Temperature
-55℃ to 150℃
Note: Limit value is beyond the scope of work, may damage the chip. Recommend the scope of work is
to point to in the scope, device function is normal, but does not guarantee completely satisfy the
individual performance index. Electrical parameter defines the components within the scope of work and
to ensure that the specific performance test under the condition of dc and ac parameter specification. For
not given the parameters of the upper and lower limit, the specification is not guarantee its accuracy, but
the typical value reasonably reflect the device performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com