Electronic Components Datasheet Search
  English  ▼

X  

MSS0605 Datasheet(PDF) 1 Page - Mosel Vitelic, Corp

Part # MSS0605
Description  VOICE ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0605 Datasheet(HTML) 1 Page - Mosel Vitelic, Corp

  MSS0605 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 7Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSEL VITELIC
1
PID225B 04/94
MSS0605
MOSEL
APRIL
VOICE ROM
Block Diagram
Features
Single
power
supply
can
operate
at
2.4V
through 6V.
Current output can drive 8 ohm speaker
with
a transistor, Vout can drive buzzer directly.
The voice content is stored up to 6 seconds
and can be separated to 9 sections.
Nine trigger input pins are provided. Each
trigger pin can access a phrase instead of
simple section. A phrase is composed of one
or more than one section(s) and called a
section - combination of sections.
Total section number of all phrases is up to 64.
Total duration of all sections with mute is up
to 24 seconds.
Interrupt function (INTP) stops the audio output
at once.
Playall function (OKY) plays all 9 phrases one
by one by single trigger.
Sequential function (OKY): one trigger plays
next phrase of 9 phrases circularly.
2 LED function with 6 or 3 Hz flash is provided
to tell the audio status in alternate flash.
A STOP pulse comes out when audio signal is
finished.
CDS input interface with debounce is provided for
9 trigger pins, OKY pin and INTP pin.
Extra pad for REPeat playing.
Mask option for either real
Busy
or Ground
Busy on BUSY signal.
Mask option for 10ms, 0.4ms, 10us on debounce
time.
Mask option for either PLAYALL or SEQUENTIAL
for one-key function.
Separate option setting on 9 individual trigger
pins and OKY pin for below four masks:
a. Mask option for either Level or Edge trigger
type.
b. Mask option for either Holdable or Unholdable
output type.
c. Mask option for either BUSY output or STOP
pulse on STBZ output.
d. Mask option for either Retrigger or Irretrigger .
Description
The MSS0605 is a monolithic CMOS VLSI ASIC that can memorize voice up to 6 seconds using
MOSEL qualified coding method (MPCM). It can play 9 phrases instead of 9 simple sections. Most
of the necessary circuit are built in like oscillator, ROM, DAC and interface logic.
2 LEDs and
separate option setting is provided . Customer voice data will be edited and built in by mask
programming during the device fabrication.
CLOCK
GENERATOR
CONTROL
LOGIC
TG0
TG1
TG2
TG3
OKY
INTP
REP
LED 1
OSC
TIMING
GENERATOR
ADDRESS
GENERATOR
VOICE
ROM
TRIGGER
TABLE
MPCM
DECODER
CURRENT
BUFFER
BUZZER
BUFFER
COUT
VOUT1
VOUT2
VDD
VSS
TG4
TG5
TG6
TG7
TG8
LED 2
STBZ
Contact your sales representative for the most recent information
•\؇
°G
≥ʧ@§uß@πq¿£¨∞
2.4
•ÒØS
°„6.0•ÒØS°C
•i•H
±¿∞ ∏¡ªÔæπ©Œ¬«¥π≈ȱ¿∞
8
Ω≥‚•z°C
§E¨q¡n
≠µ§∫Æe,®C¨q™¯´◊•i§£¶P,§E¨q§∫Æe¡`™¯´◊¨∞6¨Ì°
®C¨qªy
≠µ±a¿R≠µÆ…∂°™¯´◊•iπF24¨Ì°C
≥§@≠”ªy≠µ≤◊§Ó´H∏πªP¶£∏L´H∏π¶@•Œø
•i
≥zπL•˙±”πq™˝≤£•Õƒ≤µo´H∏π
¶b
∏}¨O¶£∏L´H∏πÆ…•i≥zπL•˙∏nøÔæ‹•ø¶V¶£∏L´H∏π
¶ÏøÈ•X
°C
≥®‚≠”µo•˙§G∑•≈ÈøÈ•X∏}°A•i≥zπL•˙∏nøÔæ‹©T©w¿W≤v(®C
¨Ì6¶
∏©Œ3¶∏©˙∑¿)™∫§Ë¶°°C
•i
≥zπL•˙∏nøÔæ‹
10ms,0.4ms,10us
§T
∫ÿƒ≤µoΩTª{Æ…∂°
®C
≠”ƒ≤µo¡‰•i¶U¶¤øW•fl≥zπL•˙∏nøÔæ‹
°]•“°^πq•≠ƒ≤µo©Œ¨O√‰Ωtƒ≤µo
°]§A°^ßQ•Œƒ≤µo´H∏π§ß™¯µu¥x±±ªy≠µøÈ•X§ß∞±ªPß_©Œ¨O§
(Unholdable)
°]§˛°^ªy≠µ≤◊§ÓøÈ•XØfl®R©Œ¨O§£≠n
°]§B°^•i•H≥Q´·¨qª\±º©Œ¨O§£≠n
≥§E≠”´ˆ¡‰•i•H©Ò•X§E•y∏‹°A®C•y∏‹•i•H•—§W≠±§E
•Ù
∑N≤’¶®°C
•i
≥zπL•˙∏nøÔæ‹≥Ê¡‰•˛≥°©Ò≠µ
(Playall)
≥Ê¡‰≥v§@©Ò≠µ
(Playnext)
°C
®‰•L•\؇
Ω–∏‘•ª•Û•L≥Bª°©˙


Similar Part No. - MSS0605

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0607 MOSEL-MSS0607 Datasheet
384Kb / 39P
3/ 6/ 9/ 12 / 15 / 18 VOICE ROM
MSS0607 MOSEL-MSS0607 Datasheet
19Kb / 1P
6 Voice VROM
More results

Similar Description - MSS0605

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSS0271 MOSEL-MSS0271 Datasheet
62Kb / 12P
2.7 VOICE ROM
MSS0287 MOSEL-MSS0287 Datasheet
83Kb / 5P
VOICE ROM
MSS0306-1 MOSEL-MSS0306-1 Datasheet
167Kb / 19P
3 VOICE ROM
MSS1506 MOSEL-MSS1506 Datasheet
142Kb / 8P
VOICE ROM
MSS2105 MOSEL-MSS2105 Datasheet
7Kb / 1P
21 Voice ROM
MSS3205 MOSEL-MSS3205 Datasheet
8Kb / 1P
32 Voice ROM
MSS4305 MOSEL-MSS4305 Datasheet
7Kb / 1P
43 Voice ROM
logo
OKI electronic componet...
MSM6595A OKI-MSM6595A Datasheet
165Kb / 13P
1-Mbit Serial Voice ROM
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6597A OKI-MSM6597A Datasheet
140Kb / 10P
3-Mbit Serial Voice ROM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com