Electronic Components Datasheet Search
  English  ▼

X  

MSS0605 Datasheet(PDF) 5 Page - Mosel Vitelic, Corp

Part # MSS0605
Description  VOICE ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0605 Datasheet(HTML) 5 Page - Mosel Vitelic, Corp

  MSS0605 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 7Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MOSEL VITELIC
MSS0605
5
PID225B 04/94
VII. Interrupt Pin Function
TG1
AUDIO
Interrupt
Phrase
Phrase
Phrase
1. Typical Application
Application Circuit
AUDIO
Phrase0
TG0
REP
VIII. Repeat funtion
Phrase0
Phrase0
Phrase0
PID SIZE = 90 X 90 um
NOTE : * SUBTRATE is VDD
TG
AUDIO
TT
IX. DEBOUNCE TIME
( 3 optional intervals )
X. Acceptable Power On Signal & Ripple
TP
90% VDD
10% VDD
90% VDD
TR
VSS = 0.0 V
VDD
TG0
TG1
TG2
TG3
TG4
TG5
TG6
TG7
TG8
OKY
INTP
REP
Vss
STBZ
V1
V2
Cout
VDD
R1
LED2 LED1
R2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com