Electronic Components Datasheet Search
  English  ▼

X  

MSS0605 Datasheet(PDF) 2 Page - Mosel Vitelic, Corp

Part # MSS0605
Description  VOICE ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0605 Datasheet(HTML) 2 Page - Mosel Vitelic, Corp

  MSS0605 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 7Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MOSEL VITELIC
Pad Description
2
PID225B 04/94
MSS0605
MOSEL
DC Characteristics
Symbol
Parameter
Min.
Max.
Typ.
Unit
Condition
I
I
I
I
∆F/F
Supply
Current
Stand by
Operating
O/P Current
V
,V
Output Current (C
)
Frequency Stability
Drive
Sink
µA
V
= 4.5V, I/O Open
DD
SB
OP
OH
OL
OUT1
OUT2
-13
13
5
1
200
mA
%
ICO
DD
V
= 0V
O/P
V
= 4.5V,
V
= 4.5V
O/P
V
= 4.5V,
DD
FOSC(4.5V) - FOSC(4V)
FOSC(4.5V)
DD
V
= 4.5V, ROSC = 1.2M
I
I
Input Current
IH
IL
10
µA
DD
V
= 4.5V
TG0~TG8, OKY,
INTP, REP
OUT
2.5
∆F/F
Fosc Variation
10
%
Pad No.
Signal Name
Function
1
2
3
4
5
6
7
8
I/O
9
10
11
12
13
14
15
16
17
18
19
I
Output Current
STOP / BUSY
OH
-8
8
mA
IOL
V
= 0V
O/P
V
= 4.5V,
DD
V
= 4.5V
O/P
V
= 4.5V,
DD
V
= 0V
O/P
V
= 3V,
DD
20
INTP
I
Interrupt input, internal pull low, high active
OKY
One key function input, internal pull low, hgih active
I
TG5
I
I
TG8
TG6
TG7
Trigger 8 input, internal pull low, high active
Trigger 7 input, internal pull low, high active
Trigger 6 input, internal pull low, high active
Trigger 5 input, internal pull low, high active
I
I
TG1
I
I
I
TG4
TG2
TG3
Trigger 4 input, internal pull low, high active
TG0
Trigger 3 input, internal pull low, high active
Trigger 2 input, internal pull low, high active
Trigger 1 input, internal pull low, high active
Trigger 0 input, internal pull low, high active
I
I
VDD
OSC
Positive power supply
Oscillator Resistor input
I
Power
COUT
O
Audio signal current output (for speaker)
VOUT1
O
VOUT2
Audio signal voltage output (for buzzer)
Audio signal voltage output (for buzzer)
O
21
22
VSS
Negative power supply
Power
REP
I
High use as repeat
NC
NC
No connection
STBZ
O
One shot stop signal output / BUSY signal output
LED 1
LED 2
O
O
LED signal output , sink current output.
5.0
0
V
= 0V
O/P
V
= 6.0V,
DD
V
= 4.5V
O/P
V
= 4.5V,
DD
IOL
Output Current
LED1 ,LED2
13
mA
0.1
3.8
V
= 0V
O/P
V
= 4.5V,
DD
mA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com