Electronic Components Datasheet Search
  English  ▼

X  

MSS0605 Datasheet(PDF) 7 Page - Mosel Vitelic, Corp

Part # MSS0605
Description  VOICE ROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSS0605 Datasheet(HTML) 7 Page - Mosel Vitelic, Corp

  MSS0605 Datasheet HTML 1Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 2Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 3Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 4Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 5Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 6Page - Mosel Vitelic, Corp MSS0605 Datasheet HTML 7Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
MOSEL VITELIC
MSS0605
7
PID225B 04/94
VDD
VSS
OSC
R1'
T
S
COUT
VDD
VSS
OSC
R1
COUT
STP
TG
Interrupt
TG
Interrupt
4. CDS Application
VDD
VSS
TG
OSC
R1
T
S
COUT
Reserves the right to make changes to above content and product without notice .
Note: 1. R1 = 1.2 M
Ω, T(transistor) = ß > 130, R2 = 470 Ω , S(speaker) = 1/4 w, 8 Ω; all typical.
2. R2=470
Ω ( typical ) to bypass extra current into base to get rid of waveform saturation
on collector .
3. Piezo buzzer resonant frequency being around 1K Hz is recommended.
4. Input switch could be replaced by CDS.
5.COUT,VOUT1,VOUT2 are tristate during stand by state.
5. Edge Mode Change To Level Mode for TG0
VDD
VSS
COUT
TG0
OSC
R1
T
S
( The pin " REP " connects to VDD )
REP
3. Cascade Application
MOSEL
No. 1, R&D I Rd., Hsinchu Science-Based Industrial Park, Hsinchu,
Taiwan, R.O.C.
TEL:886-3-577-0055
FAX:886-3-577-2788
3910 North First street, San Jose, CA 95134-1501 U.S.A.
TEL:1-408-433-6000
FAX:1-408-433-0952
Service phone : 886-3-5784732



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com