Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVR
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVR Datasheet(HTML) 4 Page - Texas Instruments

  TPS60401DBVR Datasheet HTML 1Page - Texas Instruments TPS60401DBVR Datasheet HTML 2Page - Texas Instruments TPS60401DBVR Datasheet HTML 3Page - Texas Instruments TPS60401DBVR Datasheet HTML 4Page - Texas Instruments TPS60401DBVR Datasheet HTML 5Page - Texas Instruments TPS60401DBVR Datasheet HTML 6Page - Texas Instruments TPS60401DBVR Datasheet HTML 7Page - Texas Instruments TPS60401DBVR Datasheet HTML 8Page - Texas Instruments TPS60401DBVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Voltage
range
IN to GND
-0.3
5.5
V
OUT to GND
-5.5
0.3
V
CFLY- to GND
0.3
VO - 0.3
V
CFLY+ to GND
-0.3 V
VI + 0.3
V
Continuous power dissipation
See Section 9.2.1.2.5
Continuous output current
80
mA
Maximum junction temperature, TJ
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
7.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
-55°C
150°C
°C
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins(1)
-1000
1000
V
Charged device model (CDM), per JEDEC specification
JESD22-C101, all pins(2)
-500
500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
7.3 Recommended Operating Conditions
MIN
NOM
MAX
UNIT
Input voltage range, VI
1.8
5.25
V
Output current range at OUT, IO
60
mA
Input capacitor, CI
0
C(fly)
µF
Flying capacitor, C(fly)
1
µF
Output capacitor, CO
1
100
µF
Operating junction temperature, TJ
-40
125
°C
7.4 Thermal Information
THERMAL METRIC(1)
TPS6040x
UNIT
DBV
5 PINS
RθJA
Junction-to-ambient thermal resistance
221.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
81.9
RθJB
Junction-to-board thermal resistance
39.8
ψJT
Junction-to-top characterization parameter
3.3
ψJB
Junction-to-board characterization parameter
38.9
RθJC(bot)
Junction-to-case (bottom) thermal resistance
n/a
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
4
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com