Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVR
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS60401DBVR Datasheet HTML 4Page - Texas Instruments TPS60401DBVR Datasheet HTML 5Page - Texas Instruments TPS60401DBVR Datasheet HTML 6Page - Texas Instruments TPS60401DBVR Datasheet HTML 7Page - Texas Instruments TPS60401DBVR Datasheet HTML 8Page - Texas Instruments TPS60401DBVR Datasheet HTML 9Page - Texas Instruments TPS60401DBVR Datasheet HTML 10Page - Texas Instruments TPS60401DBVR Datasheet HTML 11Page - Texas Instruments TPS60401DBVR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
–6
–5
–4
–3
–2
–1
0
0
10
20
30
40
50
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
IO – Output Current – mA
TA = 25°C
Figure 7-13. Output Voltage vs Output Current
–6
–5
–4
–3
–2
–1
0
0
10
20
30
40
50
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
IO – Output Current – mA
TA = 25°C
Figure 7-14. Output Voltage vs Output Current
0
50
100
150
200
250
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
IO = 10 mA
TA – Free-Air Temperature – °C
Figure 7-15. Oscillator Frequency vs Free-Air
Temperature
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
TA – Free-Air Temperature – °C
22
22.2
22.4
22.6
22.8
23
23.2
23.4
23.6
23.8
24
IO = 10 mA
VI = 5 V
VI = 3.3 V
VI = 2.5 V
VI = 1.8 V
Figure 7-16. Oscillator Frequency vs Free-Air
Temperature
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
TA – Free-Air Temperature – °C
IO = 10 mA
VI = 5 V
VI = 3.3 V
VI = 2.5 V
VI = 1.8 V
49
50
51
52
53
54
55
56
57
Figure 7-17. Oscillator Frequency vs Free-Air
Temperature
–40 –30 –20 –10 0
10 20 30 40 50 60 70 80 90
TA – Free-Air Temperature – °C
IO = 10 mA
VI = 5 V
VI = 3.3 V
VI = 2.5 V
VI = 1.8 V
150
160
170
180
190
200
210
220
230
240
250
Figure 7-18. Oscillator Frequency vs Free-Air
Temperature
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
8
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com