Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVR
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS60401DBVR Datasheet HTML 3Page - Texas Instruments TPS60401DBVR Datasheet HTML 4Page - Texas Instruments TPS60401DBVR Datasheet HTML 5Page - Texas Instruments TPS60401DBVR Datasheet HTML 6Page - Texas Instruments TPS60401DBVR Datasheet HTML 7Page - Texas Instruments TPS60401DBVR Datasheet HTML 8Page - Texas Instruments TPS60401DBVR Datasheet HTML 9Page - Texas Instruments TPS60401DBVR Datasheet HTML 10Page - Texas Instruments TPS60401DBVR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
0
5
10
15
20
25
30
35
40
1
2
3
4
5
6
TA = 85°C
TA = 25°C
TA = –40°C
VI – Input Voltage – V
IO = 30 mA
CI = C(fly) = CO = 1 µF
Figure 7-7. Output Resistance vs Input Voltage
0
5
10
15
20
25
30
35
40
1
2
3
4
5
6
TA = 85°C
TA = 25°C
TA = –40°C
VI – Input Voltage – V
IO = 30 mA
CI = C(fly) = CO = 10 µF
Figure 7-8. Output Resistance vs Input Voltage
0
5
10
15
20
25
30
35
40
1
2
3
4
5
6
TA = 85°C
TA = 25°C
TA = –40°C
VI – Input Voltage – V
IO = 30 mA
CI = C(fly) = CO = 3.3 µF
Figure 7-9. Output Resistance vs Input Voltage
0
5
10
15
20
25
30
35
40
1
2
3
4
5
6
TA = 85°C
TA = 25°C
TA = –40°C
VI – Input Voltage – V
IO = 30 mA
CI = C(fly) = CO = 1 µF
Figure 7-10. Output Resistance vs Input Voltage
–6
–5
–4
–3
–2
–1
0
0
10
20
30
40
50
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
IO – Output Current – mA
TA = 25°C
Figure 7-11. Output Voltage vs Output Current
–6
–5
–4
–3
–2
–1
0
0
10
20
30
40
50
60
VI = 1.8 V
VI = 2.5 V
VI = 3.3 V
VI = 5 V
IO – Output Current – mA
TA = 25°C
Figure 7-12. Output Voltage vs Output Current
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com