Electronic Components Datasheet Search
  English  ▼

X  

TPS60401DBVR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60401DBVR
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60401DBVR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS60401DBVR Datasheet HTML 13Page - Texas Instruments TPS60401DBVR Datasheet HTML 14Page - Texas Instruments TPS60401DBVR Datasheet HTML 15Page - Texas Instruments TPS60401DBVR Datasheet HTML 16Page - Texas Instruments TPS60401DBVR Datasheet HTML 17Page - Texas Instruments TPS60401DBVR Datasheet HTML 18Page - Texas Instruments TPS60401DBVR Datasheet HTML 19Page - Texas Instruments TPS60401DBVR Datasheet HTML 20Page - Texas Instruments TPS60401DBVR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
After power is applied, the flying capacitor (C(fly)) connects alternately across the output capacitors C3 and CO.
This equalizes the voltage on those capacitors and draws current from VI to VO as required to maintain the
output at 1/2 VI.
The maximum input voltage between VI and GND in the schematic (or between IN and OUT at the device itself)
must not exceed 6.5 V.
TPS60400
OUT
C1+
IN
C1-
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CI
1 µF
VO = VI/2
GND
VI
GND
C3
1 µF
Figure 9-6. TPS60400 as a High-Efficiency Rail Splitter
The application allows to generate a voltage rail at a level of -Vi as well as 2 x Vi (V(pos)).
In the circuit of Figure 9-7, capacitors CI, C(fly), and CO form the inverter, while C1 and C2 form the doubler. C1
and C(fly) are the flying capacitors; CO and C2 are the output capacitors. Because both the inverter and doubler
use part of the charge-pump circuit, loading either output causes both outputs to decline toward GND. Make sure
the sum of the currents drawn from the two outputs does not exceed 60 mA. The maximum output current at
V(pos) must not exceed 30 mA. If the negative output is loaded, this current must be further reduced.
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CI
1 µF
–VI
GND
GND
VI
C1
+
+
+
D2
C2
+
V(pos)
+
II ≈ –IO + 2 × IO(POS)
Figure 9-7. TPS60400 as Doubler/Inverter
The application generate a voltage rail at a level -2 x Vi.
Two devices can be cascaded to produce an even larger negative voltage (see Figure 9-8). The unloaded output
voltage is normally -2 × VI, but this is reduced slightly by the output resistance of the first device multiplied by the
quiescent current of the second. When cascading more than two devices, the output resistance rises
dramatically.
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com