Electronic Components Datasheet Search
  English  ▼

X  

TPS60403DBVT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 6Page - Texas Instruments TPS60403DBVT Datasheet HTML 7Page - Texas Instruments TPS60403DBVT Datasheet HTML 8Page - Texas Instruments TPS60403DBVT Datasheet HTML 9Page - Texas Instruments TPS60403DBVT Datasheet HTML 10Page - Texas Instruments TPS60403DBVT Datasheet HTML 11Page - Texas Instruments TPS60403DBVT Datasheet HTML 12Page - Texas Instruments TPS60403DBVT Datasheet HTML 13Page - Texas Instruments TPS60403DBVT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
8 Detailed Description
8.1 Overview
The TPS60400, TPS60401 charge pumps invert the voltage applied to their input. For the highest performance,
use low equivalent series resistance (ESR) capacitors (for example, ceramic). During the first half-cycle,
switches S2 and S4 open, switches S1 and S3 close, and capacitor (C(fly)) charges to the voltage at VI. During
the second half-cycle, S1 and S3 open, S2 and S4 close. This connects the positive terminal of C(fly) to GND and
the negative to VO. By connecting C(fly) in parallel, CO is charged negative. The actual voltage at the output is
more positive than -VI, since switches S1-S4 have resistance and the load drains charge from CO.
C(fly)
1 µF
S2
S1
S3
S4
CO
1 µF
VO (–VI)
GND
VI
GND
Figure 8-1. Operating Principle
8.2 Functional Block Diagram
Start
FF
R
S
Q
VI – VCFLY+ < 0.5 V
VI
MEAS
VI < 1 V
VI
VO > Vbe
VO
MEAS
VO
OSC
OSC
CHG
50 kHz
VO > –1 V
VI / VO
MEAS
VI
VO
VCO_CONT
VO < –VI – Vbe
Phase
Generator
DC_ Startup
C(fly)
+
Q3
Q2
Q1
Q4
VI
VO
GND
Q5
Q
Q
B
DC_ Startup
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
10
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com