Electronic Components Datasheet Search
  English  ▼

X  

TPS60403DBVT Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 19 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 15Page - Texas Instruments TPS60403DBVT Datasheet HTML 16Page - Texas Instruments TPS60403DBVT Datasheet HTML 17Page - Texas Instruments TPS60403DBVT Datasheet HTML 18Page - Texas Instruments TPS60403DBVT Datasheet HTML 19Page - Texas Instruments TPS60403DBVT Datasheet HTML 20Page - Texas Instruments TPS60403DBVT Datasheet HTML 21Page - Texas Instruments TPS60403DBVT Datasheet HTML 22Page - Texas Instruments TPS60403DBVT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
A solution for a -2.7-V/3-mA GaAs bias supply is proposed in Figure 9-11. The input voltage of 3.3 V is first
inverted with a TPS60403 and stabilized using a TLV431 low-voltage shunt regulator. Resistor RP with capacitor
CP is used for filtering the output voltage.
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
0.1 µF
CO
1 µF
CI
0.1 µF
VO (–2.7 V/3 mA)
GND
VI (3.3 V)
GND
RP
TLV431
R2
R1
CP
Figure 9-11. GaAs Supply
A 0.1-µF capacitor was selected for C(fly). By this, the output resistance of the inverter is about 52 Ω.
RPMAX can be calculated using the following equation:
V
O + * 1 )
R1
R2
V
ref * R1
I
I(ref)
(14)
A 100-Ω resistor was selected for RP.
The reference voltage across R2 is 1.24 V typical. With 5-µA current for the voltage divider, R2 gets:
R
PMAX +
V
CO *
V
O
I
O
* RO
With: VCO = –3.3 V; VO = –2.7 V; IO = –3 mA
RPMAX = 200 Ω – 52 Ω = 148 Ω
(15)
With CP = 1 µF the ratio VO/VI of the RC post filter is:
R2 +
1.24 V
5 mA
[ 250 kW
R1 +
2.7 * 1.24 V
5 mA
[ 300 kW
(16)
V
O
V
I
+
1
1 ) (2p125000Hz
100W
1 mF)
2
[ 0.01
(17)
The application generates an output voltage of 1/2 of the input voltage.
By exchanging GND with OUT (connecting the GND pin with OUT and the OUT pin with GND), a step-down
charge pump can easily be formed. In the first cycle S1 and S3 are closed, and C(fly) with CO in series are
charged. Assuming the same capacitance, the voltage across C(fly) and CO is split equally between the
capacitors. In the second cycle, S2 and S4 close and both capacitors with VI/2 across are connected in parallel.
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com