Electronic Components Datasheet Search
  English  ▼

X  

TPS60403DBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 7Page - Texas Instruments TPS60403DBVT Datasheet HTML 8Page - Texas Instruments TPS60403DBVT Datasheet HTML 9Page - Texas Instruments TPS60403DBVT Datasheet HTML 10Page - Texas Instruments TPS60403DBVT Datasheet HTML 11Page - Texas Instruments TPS60403DBVT Datasheet HTML 12Page - Texas Instruments TPS60403DBVT Datasheet HTML 13Page - Texas Instruments TPS60403DBVT Datasheet HTML 14Page - Texas Instruments TPS60403DBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
8.3 Feature Description
8.3.1 Charge-Pump Output Resistance
The TPS6040x devices are not voltage regulators. The charge pump's output source resistance is approximately
15 Ω at room temperature (with VI = 5 V), and VO approaches -5 V when lightly loaded. VO droops toward GND
as load current increases.
VO = –(VI – RO × IO)
(1)
R
O [
1
ƒ
osc
C
(fly)
) 4 2RSWITCH ) ESRCFLY ) ESRCO
RO = output resistance of the converter
(2)
8.3.2 Efficiency Considerations
The power efficiency of a switched-capacitor voltage converter is affected by three factors: the internal losses in
the converter IC, the resistive losses of the capacitors, and the conversion losses during charge transfer
between the capacitors. The internal losses are associated with the internal functions of the IC, such as driving
the switches, oscillator, and so forth. These losses are affected by operating conditions such as input voltage,
temperature, and frequency. The next two losses are associated with the output resistance of the voltage
converter circuit. Switch losses occur because of the on-resistance of the MOSFET switches in the IC. Charge-
pump capacitor losses occur because of their ESR. The relationship between these losses and the output
resistance is as follows:
PCAPACITOR LOSSES + PCONVERSION LOSSES = IO2 × RO
RSWITCH = resistance of a single MOSFET-switch inside the converter
fOSC = oscillator frequency
(3)
The first term is the effective resistance from an ideal switched-capacitor circuit. Conversion losses occur during
the charge transfer between C(fly) and CO when there is a voltage difference between them. The power loss is:
P
CONV.LOSS +
1
2
C
(fly) V
2
I *
V 2
O
)
1
2
C
O V
2
RIPPLE *
2V
OVRIPPLE
ƒosc
(4)
The efficiency of the TPS6040x devices is dominated by their quiescent supply current at low output current and
by their output impedance at higher current.
h
^
I
O
I
O )
I
Q
1 *
I
O
R
O
V
I
(5)
Where, IQ = quiescent current.
www.ti.com
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
Copyright © 2020 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com