Electronic Components Datasheet Search
  English  ▼

X  

TPS60403DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60403DBVT
Description  Unregulated 60-mA Charge Pump Voltage Inverter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60403DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TPS60403DBVT Datasheet HTML 12Page - Texas Instruments TPS60403DBVT Datasheet HTML 13Page - Texas Instruments TPS60403DBVT Datasheet HTML 14Page - Texas Instruments TPS60403DBVT Datasheet HTML 15Page - Texas Instruments TPS60403DBVT Datasheet HTML 16Page - Texas Instruments TPS60403DBVT Datasheet HTML 17Page - Texas Instruments TPS60403DBVT Datasheet HTML 18Page - Texas Instruments TPS60403DBVT Datasheet HTML 19Page - Texas Instruments TPS60403DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
9.3 System Examples
To reduce the output voltage ripple, a RC post filter can be used.
An output filter can easily be formed with a resistor (RP) and a capacitor (CP). Cutoff frequency is given by:
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CP
CI
1 µF
VO (–VI)
GND
VI
GND
RP
Figure 9-4. TPS60400 with RC-Post Filter
The equation refers only to the relation between output and input of the ac ripple voltages of the filter.
ƒc +
1
2pR
PCP
(1)
and ratio VO/VOUT is:
V
O
V
OUT
+
1
1 ) 2pƒRPCP
2
(2)
with RP = 50 Ω, CP = 0.1 µF and f = 250 kHz:
V
O
V
OUT
+ 0.125
(13)
To reduce the output voltage ripple, a LC post filter can be used.
Figure 9-5 shows a configuration with a LC-post filter to further reduce output ripple and noise.
TPS60400
OUT
C1+
IN
C1–
GND
1
2
3
5
4
C(fly)
1 µF
CO
1 µF
CP
CI
1 µF
VO (–VI)
GND
VI
GND
LP
VOUT
Figure 9-5. LC-Post Filter
The application allows to generate a voltage rail at a level of 1/2 of the input voltage.
A switched-capacitor voltage inverter can be configured as a high efficiency rail-splitter. This circuit provides a
bipolar power supply that is useful in battery powered systems to supply dual-rail ICs, like operational amplifiers.
Moreover, the SOT23-5 package and associated components require very little board space.
TPS60400, TPS60401, TPS60402, TPS60403
SLVS324C – JULY 2001 – REVISED OCTOBER 2020
www.ti.com
16
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: TPS60400 TPS60401 TPS60402 TPS60403



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com