Electronic Components Datasheet Search
  English  ▼

X  

MXT211 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MXT211
Description  Two-phase DC brushless motor drive circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXT211 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MXT211 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
地址:北京市丰台区东高地四营门北路 2 号
网址:http://www.mxtronics.com
电话:010-67968115
传真:010-68757721
3
MXT211
霍尔马达驱动电路
6
6
6
6、极限参数:
齐纳击穿电压(Vz)----------------------------------------------------------- 35V
NO/SO 引脚输出电压 ---------------------------------------------------------
30V
输出下拉电流(Io)
恒定电流 -------------------------------------------------------------------
550mA
连续电流 -------------------------------------------------------------------
350mA
反向电流(IR)-----------------------------------------------------------------
100mA
FG 输出截止电压(VFG)----------------------------------------------------
30V
FG 吸收电流(IFG)-----------------------------------------------------------
20mA
功率消耗
Ta=25℃ --------------------------------------------------------------------
600 mW
Ta=70℃ --------------------------------------------------------------------
450 mW
工作温度范围 ------------------------------------------------------------------ -20℃~85℃
贮存温度范围 ----------------------------------------------------------------- -65℃~150℃
节温度 --------------------------------------------------------------------------- 150℃
引线温度(焊接,10 秒)---------------------------------------------------- 230℃
7
7
7
7、电学特性:
参数
测试条件
最小值
典型值
最大值
单位
工作电压
Icc〈10mA
4
20
V
工作电流
Vcc:3~20V
2
7
mA
NO/SO 饱和压
降
Io=300mA
1.5
V
FG 截止电流
V FG=30V
1
uA
FG 饱和压降
I FG=5mA
0.2
0.5
V
上升时间
RL=10K
CL=10PF
500
uS
下降时间
RL=10K
CL=10PF
500
uS
8
8
8
8、磁场特性:
MXT211-A
MXT211-A
MXT211-A
MXT211-A
Ta=-20℃~85℃
参数
最小值
典型值
最大值
单位
Bop
10
-
50
高斯
Brp
-50
-
-10
高斯
Bhys
-
70
-
高斯



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com