Electronic Components Datasheet Search
  English  ▼

X  

MXT211 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MXT211
Description  Two-phase DC brushless motor drive circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXT211 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MXT211 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
地址:北京市丰台区东高地四营门北路 2 号
网址:http://www.mxtronics.com
电话:010-67968115
传真:010-68757721
1
MXT211
霍尔马达驱动电路
MXT211
MXT211
MXT211
MXT211 两相直流无刷马达驱动电路
1
1
1
1、概述:
MXT211 集成霍尔传感器、线圈驱动电路,应用于两相直流马达。高灵敏度
的霍尔效应传感器适用于微型 CPU 散热器、吹风机和直流风扇等。MXT211 具
有很宽的操作电压范围,典型驱动电流为 0.3A。FG 是开集电极输出引脚,其在
外接上拉负载的情况下可提供用于检测马达转速的方波信号。MXT211 使用很少
的外围器件,就可用于两相直流电机驱动。典型应用电路如下所示:
2
2
2
2、特性:
·单芯片集成霍尔传感器和驱动电路
·操作电压范围宽:4.0~20V
·NO/SO 拉电流可达 0.35A
·静态电流小于 7mA
·提供 FG 转速输出信号
·封装:TO94
3
3
3
3、典型应用电路


Similar Part No. - MXT211

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MXT2 MERITEK-MXT2 Datasheet
444Kb / 3P
32.768 Crystal Unit 2.0 x 1.2mm KHz Tuning Fork
Rev.3c 03/15/24
logo
ATMEL Corporation
MXT224 ATMEL-MXT224 Datasheet
150Kb / 12P
maXTouch 224-channel Touchscreen Sensor IC
logo
Schurter Inc.
MXT250 SCHURTER-MXT250 Datasheet
354Kb / 3P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
386Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
MXT250 SCHURTER-MXT250 Datasheet
394Kb / 4P
Subminiature Fuse, 8.5 mm, Time-Lag T, 250 VAC, 100 A
More results

Similar Description - MXT211

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA5140A PHILIPS-TDA5140A Datasheet
240Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5141 PHILIPS-TDA5141 Datasheet
268Kb / 24P
Brushless DC motor drive circuit
April 1994
TDA5142T PHILIPS-TDA5142T Datasheet
267Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5143T PHILIPS-TDA5143T Datasheet
149Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5144 PHILIPS-TDA5144 Datasheet
231Kb / 20P
Brushless DC motor drive circuit
June 1994
TDA5145TS PHILIPS-TDA5145TS Datasheet
118Kb / 20P
Brushless DC motor drive circuit
1998 Oct 27
TDA5146T PHILIPS-TDA5146T Datasheet
266Kb / 18P
Brushless DC motor drive circuit
1994 May 18
TDA5240T PHILIPS-TDA5240T Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDA5241 PHILIPS-TDA5241 Datasheet
3Mb / 19P
Brushless DC motor drive circuit
November 96
TDF5140A PHILIPS-TDF5140A Datasheet
120Kb / 19P
Brushless DC motor drive circuit
1999 March 15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com