Electronic Components Datasheet Search
  English  ▼

X  

MXT211 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MXT211
Description  Two-phase DC brushless motor drive circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXT211 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MXT211 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
地址:北京市丰台区东高地四营门北路 2 号
网址:http://www.mxtronics.com
电话:010-67968115
传真:010-68757721
6
MXT211
霍尔马达驱动电路
10.2
10.2
10.2
10.2 达林顿晶体管驱动:
下图是输出达林顿晶体管的示意图。大电流驱动负载时候的耗散功率可以用
下面的公式计算: Pc=(VBEQ+VCE
(SAT)Q2)* Io
根据封装和耗散功率 Pc 曲线,耗散功率 Pc 应该被限制在安全的范围之内。
齐纳二极管的击穿电压是 30V。然而,如果电压长时间的超过 30V,二极管就会
烧毁。
10.3
10.3
10.3
10.3 集电极开路的 FG
FG
FG
FG 输出:
以下是 FG 输出示意图。FG 外接上拉电阻用于限流,并提供转速输出的电
压方波。如果 FG 长时间工作于高电压或大电流的情况下,会对开漏输出的晶体
管造成伤害并导致 FG 输出失效。



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com