Electronic Components Datasheet Search
  English  ▼

X  

MXT211 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MXT211
Description  Two-phase DC brushless motor drive circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MXT211 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MXT211 Datasheet HTML 1Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 2Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 3Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 4Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 5Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 6Page - List of Unclassifed Manufacturers MXT211 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
地址:北京市丰台区东高地四营门北路 2 号
网址:http://www.mxtronics.com
电话:010-67968115
传真:010-68757721
4
MXT211
霍尔马达驱动电路
MXT211-B
MXT211-B
MXT211-B
MXT211-B
Ta=-20℃~85℃
参数
最小值
典型值
最大值
单位
Bop
5
-
70
高斯
Brp
-70
-
-5
高斯
Bhys
-
70
-
高斯
MXT211-C
MXT211-C
MXT211-C
MXT211-C
Ta=-20℃~85℃
参数
最小值
典型值
最大值
单位
Bop
-
-
100
高斯
Brp
-100
-
-
高斯
Bhys
-
70
-
高斯
MXT211-D
MXT211-D
MXT211-D
MXT211-D
Ta=-20℃~85℃
参数
最小值
典型值
最大值
单位
Bop
-
-
125
高斯
Brp
-125
-
-
高斯
Bhys
-
70
-
高斯



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com