Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 16 Page - Texas Instruments

Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5912 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 12Page - Texas Instruments LP5912 Datasheet HTML 13Page - Texas Instruments LP5912 Datasheet HTML 14Page - Texas Instruments LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
7 Detailed Description
7.1 Overview
The LP5912-EP is a low-noise, high PSRR, low-dropout regulator (LDO) capable of sourcing a 500-mA load.
The LP5912-EP can operate down to a 1.6-V input voltage and a 0.8-V output voltage. With this combination
of low noise, high PSRR, and low output voltage, the device is designed to power a multitude of loads from
noise-sensitive communication components to battery-powered systems.
The LP5912-EP contains several features, as shown in the Functional Block Diagram:
• Internal output resistor divider feedback
• Small size and low-noise internal protection circuit current limit
• Reverse current protection
• Current limit and inrush current protection
• Thermal shutdown
• Output auto discharge for fast turnoff
• Power-good output, with a fixed 140-µs typical delay
7.2 Functional Block Diagram
Current
Limit
IN
OUT
EN
Control
EN
Output
Discharge
140-µs
DELAY
PG
GND
3 M
RAD
100
EA
VIN
+
t
VBG
45 k
7.3 Feature Description
7.3.1 Enable (EN)
The LP5912-EP enable (EN) pin is internally held low by a 3-MΩ resistor to GND. The EN pin voltage must be
higher than the VEN(ON) threshold to ensure that the device is fully enabled under all operating conditions. The
EN pin voltage must be lower than the VEN(OFF) threshold to ensure that the device is fully disabled and the
automatic output discharge is activated.
When the device is disabled the output stage is disabled, the PG output pin is low, and the output automatic
discharge is on.
7.3.2 Output Automatic Discharge (RAD)
The LP5912-EP output employs an internal 100-Ω (typical) pulldown resistance to discharge the output when the
EN pin is low. If the LP5912-EP EN pin is low (the device is off) and the OUT pin is held high by a secondary
supply, current flows from the secondary supply through the automatic discharge pulldown resistor to ground.
LP5912-EP
SNVSC57 – SEPTEMBER 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com