Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 19 Page - Texas Instruments

Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5912 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LP5912 Datasheet HTML 15Page - Texas Instruments LP5912 Datasheet HTML 16Page - Texas Instruments LP5912 Datasheet HTML 17Page - Texas Instruments LP5912 Datasheet HTML 18Page - Texas Instruments LP5912 Datasheet HTML 19Page - Texas Instruments LP5912 Datasheet HTML 20Page - Texas Instruments LP5912 Datasheet HTML 21Page - Texas Instruments LP5912 Datasheet HTML 22Page - Texas Instruments LP5912 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
8 Applications and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The LP5912-EP is designed to meet the requirements of RF and analog circuits by providing low noise,
high PSRR, low quiescent current, and low line or load transient response. The device offers excellent noise
performance without the need for a noise bypass capacitor and is stable with input and output capacitors with
a value of 1 μF. The device delivers this performance in an industry standard WSON package, which for this
device is specified with an operating junction temperature (TJ) of –55°C to +125°C.
8.2 Typical Application
Figure 8-1 shows a typical application circuit for the LP5912-EP. Input and output capacitances may need to be
increased above the 1-μF minimum for some applications.
IN
OUT
GND
EN
PG
LP5912-EP
V
OUT
V
IN
NC
C
IN
C
OUT
R
PG
V
EN
V
PG
Figure 8-1. LP5912-EP Typical Application
8.2.1 Design Requirements
Use the parameters listed in Table 8-1 for typical RF linear regulator applications.
Table 8-1. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
1.6 V to 6.5 V
Output voltage
0.8 V to 5.5 V
Output current
500 mA
Output capacitor
1 µF to 10 µF
Input and output capacitor ESR range
5 mΩ to 500 mΩ
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com