Electronic Components Datasheet Search
  English  ▼

X  

LP5912 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5912
Description  LP5912-EP Enhanced Product, 500-mA, Low-Noise, Low-IQ LDO
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5912 Datasheet(HTML) 5 Page - Texas Instruments

  LP5912 Datasheet HTML 1Page - Texas Instruments LP5912 Datasheet HTML 2Page - Texas Instruments LP5912 Datasheet HTML 3Page - Texas Instruments LP5912 Datasheet HTML 4Page - Texas Instruments LP5912 Datasheet HTML 5Page - Texas Instruments LP5912 Datasheet HTML 6Page - Texas Instruments LP5912 Datasheet HTML 7Page - Texas Instruments LP5912 Datasheet HTML 8Page - Texas Instruments LP5912 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
6.5 Electrical Characteristics
VIN = VOUT(NOM) + 0.5 V or 1.6 V, whichever is greater; VEN = 1.35 V, CIN = 1 μF, COUT = 1 μF, IOUT = 1 mA (unless otherwise
stated).(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT VOLTAGE AND REGULATION
ΔVOUT
Output voltage tolerance
For VOUT(NOM) ≥ 3.3 V,
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
-2
2
%
For 1.1 V ≤ VOUT(NOM) < 3.3 V,
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
-3
3
For VOUT(NOM) < 1.1 V,
1.6 V ≤ VIN ≤ 6.5 V,
IOUT = 1 mA to 500 mA
Line regulation
For VOUT(NOM) ≥ 1.1V,
VOUT(NOM) + 0.5 V ≤ VIN ≤ 6.5 V
0.8
%/V
For VOUT(NOM) < 1.1 V,
1.6 V ≤ VIN ≤ 6.5 V
Load regulation
For IOUT = 1mA to 500 mA
0.0022
%/mA
CURRENT LEVELS
ISC
Short-circuit current limit
TJ = 25°C, (4)
700
900
1100
mA
IRO
Reverse leakage current (5)
VIN < VOUT
10
150
µA
IQ
Quiescent current (6)
VEN = 1.35 V, IOUT = 0 mA
30
55
µA
VEN = 1.35 V, IOUT = 500 mA
400
600
IQ(SD)
Quiescent current
shutdown mode (6)
VEN = 0 V,
–55°C ≤ TJ ≤ 85°C
0.2
1.5
µA
VEN = 0 V
0.2
5
IG
Ground-current (7)
VEN = 1.35 V, IOUT = 0 mA
35
µA
VDO DROPOUT VOLTAGE
VDO
Dropout voltage (8)
IOUT = 500 mA, 1.6 V ≤ VOUT(NOM) < 3.3 V
170
250
mV
IOUT = 500 mA, 3.3 V ≤ VOUT(NOM) ≤ 5.5 V
95
180
mV
VIN to VOUT RIPPLE REJECTION
PSRR
Power-supply rejection ratio (9)
f = 100 Hz, VOUT ≥ 1.1 V, IOUT = 20 mA
80
dB
f = 1 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
75
f = 10 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
65
f = 100 kHz, VOUT ≥ 1.1 V, IOUT = 20 mA
40
f = 100 Hz, 0.8V ≤ VOUT < 1.1 V, IOUT = 20 mA
65
f = 1 kHz, 0.8V ≤ VOUT < 1.1 V, IOUT = 20 mA
65
f = 10 kHz, 0.8V ≤ VOUT < 1.1 V, IOUT = 20 mA
65
f = 100 kHz, 0.8V ≤ VOUT < 1.1 V, IOUT = 20 mA
40
OUTPUT NOISE VOLTAGE
eN
Noise voltage
IOUT = 1 mA, BW = 10 Hz to 100 kHz
12
μVRMS
IOUT = 500 mA, BW = 10 Hz to 100 kHz
12
THERMAL SHUTDOWN
TSD
Thermal shutdown
temperature
160
°C
THYS
Thermal shutdown hysteresis
15
°C
LOGIC INPUT THRESHOLDS
VEN(OFF)
Off threshold
0.25
V
VEN(ON)
On threshold
1.35
V
IEN
Input current at EN
terminal (10)
VIN = 6 V, VEN = 6 V
3
µA
VIN = 3.3 V, VEN = 0 V
0.001
µA
PGHYS
PG threshold hysteresis (% of
nominal VOUT)
4
%
www.ti.com
LP5912-EP
SNVSC57 – SEPTEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LP5912-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com