| Electronic Components Datasheet Search |
|
LP5912 Datasheet(PDF) 25 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP5912 Datasheet(HTML) 25 Page - Texas Instruments |
|
25 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 26-Feb-2026 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP591209MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 2VC5 LP591212MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MB LP591218MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MD LP591225MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 2VD5 LP591230MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MG LP591233MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MF LP591250MDRVREP Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 2VE5 V62/22601-01XE Active Production WSON (DRV) | 6 3000 | LARGE T&R - NIPDAU Level-2-260C-1 YEAR -55 to 125 2VC5 V62/22601-04XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MB V62/22601-06XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MD V62/22601-07XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 2VD5 V62/22601-09XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MG V62/22601-10XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 12MF V62/22601-11XE Active Production WSON (DRV) | 6 3000 | LARGE T&R Yes NIPDAU Level-2-260C-1 YEAR -55 to 125 2VE5 (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. (5) MSL rating/Peak reflow: The moisture sensitivity level ratings and peak solder (reflow) temperatures. In the event that a part has multiple moisture sensitivity ratings, only the lowest level per JEDEC standards is shown. Refer to the shipping label for the actual reflow temperature that will be used to mount the part to the printed circuit board. (6) Part marking: There may be an additional marking, which relates to the logo, the lot trace code information, or the environmental category of the part. Addendum-Page 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |