Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 9 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD1888 Datasheet HTML 5Page - Analog Devices AD1888 Datasheet HTML 6Page - Analog Devices AD1888 Datasheet HTML 7Page - Analog Devices AD1888 Datasheet HTML 8Page - Analog Devices AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices AD1888 Datasheet HTML 11Page - Analog Devices AD1888 Datasheet HTML 12Page - Analog Devices AD1888 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
AD1888
Rev. A | Page 9 of 32
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
48 47 46
45
44 43 42
41 40 39 38 37
35
LINE_OUT_L (FRONT_L)
34
AVDD4
33
AVSS4
30
AFILT2
31
CENTER_OUT
32
LFE_OUT
36
LINE_OUT_R (FRONT_R)
29
AFILT1
28
VREFOUT
27
VREF
25
AVDD1
26
AVSS1
2
XTL_IN
3
XTL_OUT
4
DVSS1
7
DVSS2
6
BIT_CLK
5
SDATA_OUT
1
DVDD1
8
SDATA_IN
9
DVDD2
10
SYNC
12
NC
11
RESET
NC = NO CONNECT
13 14
15
16
17 18 19
20 21 22
23 24
PIN 1
AD1888
TOP VIEW
(Not to Scale)
Figure 9. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
I/O
Function
DIGITAL INPUT/OUTPUT
2
XTL_IN
I
Crystal Input (24.576 MHz) or External Clock In (24.576 MHz, 14.31818 MHz, or 48000 MHz).
3
XTL_OUT
O
Crystal Output.
5
SDATA_OUT
I
AC-Link Serial Data Output. AD1888 input stream.
6
BIT_CLK
O/I
AC-Link Bit Clock. 12.288 MHz serial data clock. (Input pin for Secondary mode only.)
8
SDATA_IN
O
AC-Link Serial Data Input. AD1888 output stream.
10
SYNC
I
AC-Link Frame Sync.
11
RESET
I
AC-Link Reset. AD1888 master H/W reset.
48
SPDIF
O
SPDIF Output.
CHIP SELECTS/CLOCK STRAPPING
45
ID0
I
Chip Select Input 0 (Active Low).
46
ID1
I
Chip Select Input 1 (Active Low).
JACK SENSE AND EAPD
47
EAPD
O
EAPD Output.
17
JS0
I
Jack Sense 0 Input.
16
JS1
I
Jack Sense 1 Input.
ANALOG INPUT/OUTPUT
13
PHONE_IN
I
Monaural Line-Level Input.
14
AUX_L
I
Auxiliary Input, Left Channel.
15
AUX_R
I
Auxiliary Input, Right Channel.
18
CD_L
I
CD Audio Left Channel.
19
CD_GND_REF
I
CD Audio Analog Ground Reference for Differential CD Input.
20
CD_ R
I
CD Audio Right Channel.
21
MIC1
I
Rear Panel MIC Input.
22
MIC2
I
Front Panel MIC Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com