Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 12 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD1888 Datasheet HTML 8Page - Analog Devices AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices AD1888 Datasheet HTML 11Page - Analog Devices AD1888 Datasheet HTML 12Page - Analog Devices AD1888 Datasheet HTML 13Page - Analog Devices AD1888 Datasheet HTML 14Page - Analog Devices AD1888 Datasheet HTML 15Page - Analog Devices AD1888 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
AD1888
Rev. A | Page 12 of 32
Table 7. Reset Register (Index 00h)
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
00h
Reset
X
SE4
SE3
SE2
SE1
SE0
ID9
ID8
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
0090h
All registers not shown and bits containing an X are assumed to be reserved.
Writing any value to this register performs a register reset, which causes all registers to revert to their default values (except 74h, which forces the serial configuration).
Reading this register returns the ID code of the part and a code for the type of 3D Stereo Enhancement.
ID[9:0] Identify Capability. The ID decodes the capabilities of AD1888 based on the following:
Bit = 1
Function
AD1888
ID0
Dedicated Mic PCM In Channel
0
ID1
Modem Line Codec Support
0
ID2
Bass and Treble Control
0
ID3
Simulated Stereo (Mono to Stereo)
0
ID4
Headphone Out Support
1
ID5
Loudness (Bass Boost) Support
0
ID6
18-Bit DAC Resolution
0
ID7
20-Bit DAC Resolution
1
ID8
18-Bit ADC Resolution
0
ID9
20-Bit ADC Resolution
0
SE[4:0] Stereo Enhancement. The AD1888 does not provide hardware 3D stereo enhancement. (All bits are zeros.)
Table 8. Master Volume Register (Index 02h)
Reg
No.
Name
D15
D14
D131
D12
D11
D10
D9
D8
D7
D6
D51
D4
D3
D2
D1
D0
Default
02h
Master
Volume
MM
X
LMV5
LMV4
LMV3
LMV2
LMV1
LMV0
MMRM2
X
RMV5
RMV4
RMV3
RMV2
RMV1
RMV0
8000h
1 Refer to Table 10 for examples. This register controls the Line_Out volume controls for both stereo channels and mute bit. Each volume subregister contains five bits,
generating 32 volume levels with 31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility whenever the D5 or D13 bits are set
to 1, their respective lower five volume bits are automatically set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever these bits are set to 1.
2 For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels. If
MSPLT is not set, Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved.
Note that depending on the state of the AC97NC bit in Register 0x76, this register has the following additional functionality:
For AC97NC = 0, the register controls the Line_out output Attenuators only.
For AC97NC = 1, the register controls the Line_out, Center, and LFE output Attenuators.
RMV[5:0]
Right Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of 46.5 dB.
MMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately from the MM
bit. Otherwise this bit will always read 0 and will have no effect when set to 1.
LMV[5:0]
Left Master Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a maximum
attenuation of 46.5 dB.
MM
Headphones Volume Mute. When this bit is set to 1, both the left and the right channels are muted, unless the MSPLT bit in
Register 76h is set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com