Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 16 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD1888 Datasheet HTML 12Page - Analog Devices AD1888 Datasheet HTML 13Page - Analog Devices AD1888 Datasheet HTML 14Page - Analog Devices AD1888 Datasheet HTML 15Page - Analog Devices AD1888 Datasheet HTML 16Page - Analog Devices AD1888 Datasheet HTML 17Page - Analog Devices AD1888 Datasheet HTML 18Page - Analog Devices AD1888 Datasheet HTML 19Page - Analog Devices AD1888 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AD1888
Rev. A | Page 16 of 32
Table 19. PCM-Out Volume Register (Index 18h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
18h
PCM
Out
Volume
OM
X
X
LOV4
LOV3
LOV2
LOV1
LOV0
OMRM1
X
X
ROV4
ROV3
ROV2
ROV1
ROV0
8808h
1 For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, Bit D7 has no effect. All registers not shown and bits containing an X are assumed to be reserved. Refer to Table 20 for examples.
Note that depending on the state of the AC97NC bit in Register 76h, this register has the following additional functionality:
For AC97NC = 0, the register also controls the Surround, Center, and LFE DAC Gain/Attenuators.
For AC97NC = 1, the register controls the PCM Out Volume only.
ROV[4:0]
Right PCM Out Volume. Allows setting the PCM right channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and the
gain range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
OMRM
Right Channel Mute. Once enabled by the MSPLT bit in Register 76h, this bit mutes the right channel separately from the AVM
bit. Otherwise, this bit will always read 0 and will have no affect when set to 1.
LOV[4:0]
Left PCM Out Volume. Allows setting the PCM left channel attenuator in 32 volume levels. The LSB represents 1.5 dB, and the
range is +12 dB to −34.5 dB. The default value is 0 dB, mute enabled.
OM
PCM Out Volume Mute. When this bit is set to 1, both the left and the right channels are muted, unless the MSPLT bit in Register
76h is set to 1, in which case this mute bit will affect only the left channel.
Table 20. Volume Settings for Line-In, CD Volume, AUX, and PCM-Out
Reg. 76h
Control Bits
Line-In (10h), CD (12h), AUX (16h) and PCM-Out (18h)
Left Channel Volume D[12:8]
Right Channel Volume D[4:0]
MSPLT
T
1
D15
WRITE
READBACK
Function
D71
WRITE
READBACK
Function
0
0
0 0000
0 0000
12 dB Gain
x
0 0000
0 0000
12 dB Gain
0
0
0 1000
0 1000
0 dB Gain
x
0 1000
0 1000
0 dB Gain
0
0
1 1111
1 1111
−34.5 dB Gain
x
1 1111
1 1111
−34.5 dB Gain
0
1
x xxxx
x xxxx
−∞ dB Gain, Muted
x
x xxxx
x xxxx
−∞ dB Gain, Muted
1
0
1 1111
1 1111
−34.5 dB Gain
1
x xxxx
x xxxx
−∞ dB Gain, Right Only Muted
1
1
x xxxx
x xxxx
−∞ dB Gain, Left Only Muted
0
1 1111
1 1111
−34.5 dB Gain
1
1
x xxxx
x xxxx
−∞ dB Gain, Left Muted
1
x xxxx
x xxxx
−∞ dB Gain, Right Muted
1 For AC ’97 compatibility, Bit D7 is only available by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels.
If MSPLT is not set, RM Bit has no effect.
x in the above table is don’t care.
Table 21. Record Select Control Register (Index 1Ah)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
1Ah
Record
Select
X
X
X
X
X
LS2
LS1
LS0
X
X
X
X
X
RS2
RS1
RS0
0000h
All registers not shown and bits containing an X are assumed to be reserved.
Refer to Table 22 for examples. Used to select the record source independently for the right and left channels. For MIC recording, see MS bit (Register 20h) for
MIC1 and MIC2 input selection.
RS [2:0]
Right Record Select
LS [2:0]
Left Record Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com