Electronic Components Datasheet Search
  English  ▼

X  

AD1888 Datasheet(PDF) 13 Page - Analog Devices

Part # AD1888
Description  AC 97 SoundMAX Codec
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1888 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD1888 Datasheet HTML 9Page - Analog Devices AD1888 Datasheet HTML 10Page - Analog Devices AD1888 Datasheet HTML 11Page - Analog Devices AD1888 Datasheet HTML 12Page - Analog Devices AD1888 Datasheet HTML 13Page - Analog Devices AD1888 Datasheet HTML 14Page - Analog Devices AD1888 Datasheet HTML 15Page - Analog Devices AD1888 Datasheet HTML 16Page - Analog Devices AD1888 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AD1888
Rev. A | Page 13 of 32
Table 9. Headphones Volume Register (Index 04h)
Reg No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Default
04h
Headphone
Volume
HPM
X
LHV5
LHV4
LHV3
LHV2
LHV1
LHV0
HPRM1
X
RHV5
RHV4
RHV3
RHV2
RHV1
RHV0
8000h
Table 10. Volume Settings for Master and Headphone
Reg. 76h
Control Bits
Master Volume (02h) and Headphone Volume (04h)
MSPLT
T
1
Left Channel Volume D[13:8]
Right Channel Volume D[5:0]
D15
WRITE
READBACK
Function
D71
WRITE
READBACK
Function
0
0
00 0000
00 0000
0 dB Gain
x
00 0000
00 0000
0 dB Gain
0
0
00 1111
00 1111
−22.5 dB Gain
x
00 1111
00 1111
−22.5 dB Gain
0
0
01 1111
01 1111
−46.5 dB Gain
x
01 1111
01 1111
−46.5 dB Gain
0
0
1x xxxx
01 1111
−46.5 dB Gain
x
1x xxxx
01 1111
−46.5 dB Gain
0
1
xx xxxx
xx xxxx
−∞ dB Gain, Muted
x
xx xxxx
xx xxxx
−∞ dB Gain, Muted
1
0
1x xxxx
01 1111
−46.5 dB Gain
1
xx xxxx
xx xxxx
−∞ dB Gain, only
Right Muted
1
1
xx xxxx
xx xxxx
−∞ dB Gain, Left only Muted
0
xx xxxx
xx xxxx
−46.5 dB Gain
1
1
xx xxxx
xx xxxx
−∞ dB Gain, Left Muted
1
xx xxxx
xx xxxx
−∞ dB Gain, Right Muted
1 For AC ’97 compatibility, Bit D7 is available only by setting the MSPLT bit, Register 76h. The MSPLT bit enables separate mute bits for the left and right channels. If
MSPLT is not set, Bit D7 has no effect.
x in the above table is don’t care.
Table 11. Mono Volume Register (Index 06h)
Reg
No.
Name
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D51
D4
D3
D2
D1
D0
Default
06h
Mono
Volume
MVM
X
X
X
X
X
X
X
X
X
MV5
MV4
MV3
MV2
MV1
MV0
8000h
1 Refer to Table 12 for examples. This register controls the Mono output volume and mute bit. The volume register contains five bits, generating 32 volume levels with
31 steps of 1.5 dB each. Because AC ’97 defines 6-bit volume registers, to maintain compatibility, whenever the D5 bit is set to 1, their respective lower five volume bits
are automatically set to 1 by the codec logic. On readback, all lower five bits will read 1s whenever this bit is set to 1. All registers not shown and bits containing an X
are assumed to be reserved.
MV[5:0]
Mono Volume Control. The least significant bit represents 1.5 dB. This register controls the output from 0 dB to a
maximum attenuation of 46.5 dB.
MVM
Mono Volume Mute. When this bit is set to 1, the channel is muted.
Table 12. Volume Settings for Mono
Control Bits D[4:0] for Mono (06h)
D15
WRITE
READBACK
Function
0
0 0000
0 0000
0 dB Gain
0
0 1111
0 1111
−22.5 dB Gain
0
1 1111
1 1111
−46.5 dB Gain
1
x xxxx
x xxxx
−∞ dB Gain, Muted
x in the above table is a wild card and has no effect on the value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com