Electronic Components Datasheet Search
  English  ▼

X  

PD57070-E Datasheet(PDF) 7 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 7 Page - STMicroelectronics

Back Button PD57070-E Datasheet HTML 3Page - STMicroelectronics PD57070-E Datasheet HTML 4Page - STMicroelectronics PD57070-E Datasheet HTML 5Page - STMicroelectronics PD57070-E Datasheet HTML 6Page - STMicroelectronics PD57070-E Datasheet HTML 7Page - STMicroelectronics PD57070-E Datasheet HTML 8Page - STMicroelectronics PD57070-E Datasheet HTML 9Page - STMicroelectronics PD57070-E Datasheet HTML 10Page - STMicroelectronics PD57070-E Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PD57070-E, PD57070S-E
Typical performance (PD57070S)
7/22
Figure 6.
Power gain vs output power
Figure 7.
Efficiency vs output power
Figure 8.
Input return loss vs output power
Figure 9.
Output power vs
gate-source voltage
8
10
12
14
16
18
0
2040
6080
100
Pout (W )
Vdd = 28 V
Idq = 250 m A
960 MHz
925 MHz
890 MHz
945 MHz
0
10
20
30
40
50
60
020
40
60
80
100
Pout (W )
Vdd = 28 V
Idq = 250 m A
890 MHz
925 MHz
945, 960 MHz
-30
-25
-20
-15
-10
-5
0
0
2040
6080
100
Pout (W )
Vdd = 28 V
Idq = 250 m A
890 MHz
925 MHz
945 MHz
960 MHz
0
10
20
30
40
50
60
70
80
90
100
012
3
4
5
Vgs (V)
Vdd = 28 V
Idq = 250 m A
Pin = 2.8 W
960 MHz
945 MHz
890 MHz
925 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com