Electronic Components Datasheet Search
  English  ▼

X  

PD57070-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PD57070-E Datasheet HTML 4Page - STMicroelectronics PD57070-E Datasheet HTML 5Page - STMicroelectronics PD57070-E Datasheet HTML 6Page - STMicroelectronics PD57070-E Datasheet HTML 7Page - STMicroelectronics PD57070-E Datasheet HTML 8Page - STMicroelectronics PD57070-E Datasheet HTML 9Page - STMicroelectronics PD57070-E Datasheet HTML 10Page - STMicroelectronics PD57070-E Datasheet HTML 11Page - STMicroelectronics PD57070-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Typical performance (PD57070S)
PD57070-E, PD57070S-E
8/22
Figure 10.
Output power vs bias current
Figure 11.
Efficiency vs bias current
Figure 12.
Output power vs supply voltage
Figure 13.
Efficiency vs supply voltage
0
20
40
60
80
100
0
500
1000
1500
2000
2500
Idq (m A)
Vdd = 28 V
Pin = 2.8 W
960 MHz
890, 925 MHz
945 MHz
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
Idq (m A)
Vdd = 28 V
Pin = 2.8 W
890 MHz
945 MHz
925 MHz
960 MHz
0
10
20
30
40
50
60
70
80
12
14
16
18
20
22
24
26
28
30
Vdd (V)
Idq = 250 m A
Pin = 2.8 W
960 MHz
890,925 MHz
945 MHz
0
10
20
30
40
50
60
12
14
16
18
20
22
24
26
28
30
Vdd (V)
Idq = 250 m A
Pin = 2.8 W
890 MHz
960 MHz
925, 945 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com