Electronic Components Datasheet Search
  English  ▼

X  

PD57070-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # PD57070-E
Description  RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PD57070-E Datasheet(HTML) 1 Page - STMicroelectronics

  PD57070-E Datasheet HTML 1Page - STMicroelectronics PD57070-E Datasheet HTML 2Page - STMicroelectronics PD57070-E Datasheet HTML 3Page - STMicroelectronics PD57070-E Datasheet HTML 4Page - STMicroelectronics PD57070-E Datasheet HTML 5Page - STMicroelectronics PD57070-E Datasheet HTML 6Page - STMicroelectronics PD57070-E Datasheet HTML 7Page - STMicroelectronics PD57070-E Datasheet HTML 8Page - STMicroelectronics PD57070-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
July 2006
Rev 1
1/22
22
PD57070-E
PD57070S-E
RF POWER Transistors, LDMOST plastic family
N-Channel enhancement-mode lateral MOSFETs
General features
■ Excellent thermal stability
■ Common source configuration
■ POUT = 70W with 14.7dB gain @ 945MHz / 28V
■ New RF plastic package
Description
The PD57070 is a common source N-Channel,
enhancement-mode lateral Field-Effect RF power
transistor. It is designed for high gain, broad band
commercial and industrial applications. It
operates at 28 V in common source mode at
frequencies of up to 1 GHz. PD57070 boasts the
excellent gain, linearity and reliability of ST’s
latest LDMOS technology mounted in the first
true SMD plastic RF power package, PowerSO-
10RF. PD57070’s superior linearity performance
makes it an ideal solution for base station
applications.
The PowerSO-10 plastic package, designed to
offer high reliability, is the first ST JEDEC
approved, high power SMD package. It has been
specially optimized for RF needs and offers
excellent RF performances and ease of
assembly.
Mounting recommendations are available in
www.st.com/rf/ (look for application note AN1294)
Pin connection
PowerSO-10RF
(formed lead)
PowerSO-10RF
(straight lead)
Gate
Source
Drain
www.st.com
Order codes
Part number
Package
Marking
Packaging
PD57070-E
PowerSO-10RF (formed lead)
PD57070
Tube
PD57070S-E
PowerSO-10RF (straight lead)
PD57070S
Tube
PD57070TR-E
PowerSO-10RF (formed lead)
PD57070
Tape and reel
PD57070STR-E
PowerSO-10RF (straight lead)
PD57070S
Tape and reel


Similar Part No. - PD57070-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PD57070 STMICROELECTRONICS-PD57070 Datasheet
296Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
PD57070S STMICROELECTRONICS-PD57070S Datasheet
296Kb / 13P
RF POWER TRANSISTORS The LdmoST Plastic FAMILY
21-Mar-2003
logo
List of Unclassifed Man...
PD57070S ETC1-PD57070S Datasheet
288Kb / 5P
HF to 2000 MHz Class AB Common Source - PowerSO-10RF
More results

Similar Description - PD57070-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SD56120 STMICROELECTRONICS-SD56120_06 Datasheet
311Kb / 15P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
13-Jul-2006
PD57060-E STMICROELECTRONICS-PD57060-E Datasheet
488Kb / 21P
RF POWER Transistors, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
23-Jan-2007
PD55025-E STMICROELECTRONICS-PD55025-E Datasheet
493Kb / 22P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
29-Apr-2006
PD85035-E STMICROELECTRONICS-PD85035-E Datasheet
376Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-May-2007
PD57006-E STMICROELECTRONICS-PD57006-E_10 Datasheet
512Kb / 22P
RF POWER transistor, LdmoST plastic family N-channel enhancement-mode, lateral MOSFETs
25-May-2010
PD55008L-E STMICROELECTRONICS-PD55008L-E Datasheet
202Kb / 15P
RF POWER transistor, LDMOST plastic family N-Channel enhancement-mode lateral MOSFETs
16-Jan-2007
PD20010TR-E STMICROELECTRONICS-PD20010TR-E Datasheet
240Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
STAP85025S STMICROELECTRONICS-STAP85025S Datasheet
189Kb / 13P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
01-Dec-2015
STAP57045 STMICROELECTRONICS-STAP57045 Datasheet
366Kb / 17P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
26-Mar-2009
STAP85025 STMICROELECTRONICS-STAP85025 Datasheet
151Kb / 12P
RF power transistor, LdmoST plastic family N-channel enhancement-mode lateral MOSFETs
02-Jul-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com