Electronic Components Datasheet Search
  English  ▼

X  

CY28443 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY28443
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443 Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY28443 Datasheet HTML 1Page - Cypress Semiconductor CY28443 Datasheet HTML 2Page - Cypress Semiconductor CY28443 Datasheet HTML 3Page - Cypress Semiconductor CY28443 Datasheet HTML 4Page - Cypress Semiconductor CY28443 Datasheet HTML 5Page - Cypress Semiconductor CY28443 Datasheet HTML 6Page - Cypress Semiconductor CY28443 Datasheet HTML 7Page - Cypress Semiconductor CY28443 Datasheet HTML 8Page - Cypress Semiconductor CY28443 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PRELIMINARY
Clock Generator for Intel® Calistoga Chipset
CY28443
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document #: 38-07716 Rev *C
Revised October 17, 2005
Features
• Compliant to Intel® CK410M
• Selectable CPU frequencies
• Differential CPU clock pairs
• 100-MHz differential SRC clocks
• 96-MHz differential dot clock
• 27-MHz Spread and Non-spread video clock
• 48-MHz USB clocks
• SRC clocks independently stoppable through
CLKREQ#[A:B]
• 96/100-MHz Spreadable differential video clock
• 33-MHz PCI clock
• Buffered Reference Clock 14.318-MHz
• Low-voltage frequency select input
•I2C support with readback capabilities
• Ideal Lexmark Spread Spectrum profile for maximum
electromagnetic interference (EMI) reduction
• 3.3V power supply
• 56-pin SSOP/TSSOP packages
CPU
SRC
PCI
REF
DOT96
USB_48M
LCD
27M
x2 / x3
x5/6/7
x6
x 2
x 1
x 1
x1
x2
VDD
1
56
PCI2/SEL_CLKREQ
VSS
2
55
PCI_STP#
PCI3
3
54
CPU_STP#
PCI4
4
53
REF0/FSC
PCI5/FCTSEL1
5
52
REF1/FCTSEL0
VSS
6
51
VSS
VDD
7
50
XIN
ITP_SEL/PCIF0
8
49
XOUT
PCIF1
9
48
VDD
VTT_PWRGD#/PD
10
47
SDATA
VDD
11
46
SCLK
FSA /48M
12
45
VSS
VSS
13
44
CPUT0
DOT96T/27M non Spread
14
43
CPUC0
DOT96C/27M Spread
15
42
VDD
FSB
16
41
CPUT1
SRCT0/100MT_SST
17
40
CPUC1
SRCC0/100MC_SST
18
39
IREF
SRCT2
19
38
VSSA
SRCC2
20
37
VDDA
VDD
21
36
SRCT11/CPUT2_itp
SRCT3
22
35
SRCC11/CPUC2_itp
SRCC3
23
34
VDD
SRCT4
24
33
SRCT9/CLKREQA
SRCC4
25
32
SRCC9/CLKREQB
SRCT5 _SATA
26
31
SRCT8
SRCC5_SATA
27
30
SRCC8
VDD
28
29
VSS
Pin Configuration
Block Diagram
IREF
VDD
REF[0:1]
VDD
CPUT2_ITP/SRCT11
CPUC2_ITP/SRCC11
VDD
Divider
Divider
Divider
14.318MHz
Crystal
CPU
PLL
LVDS
PLL
Fixed
PLL
PLLReference
XIN
XOUT
PCI_STP#
FS[C:A]
VTT_PWRGD#/PD
CPUT[0:1]
CPUC[0:1]
SRCT([2:5],[8:9])
VDD
PCI[3:5]
VDD
PCIF[0:1]
VDD_PCI
CPU_STP#
CLKREQ[A:B]#
VDD
FCTSEL1
SEL_CLKREQ
ITP_SEL
SRCC([2:5],[8:9])
48M
VDD48
SRCT0/100MT_SST
SRCC0/100MC_SST
I2C
Logic
SDATA
SCLK
27MNon-spread
VDD48
Divider
27M
PLL
27MSpread
VDD48
VDD48
DOT96T
DOT96C


Similar Part No. - CY28443

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
Clock Generator for Intel짰 Calistoga Chipset
logo
Cypress Semiconductor
CY28443OXC-2 CYPRESS-CY28443OXC-2 Datasheet
459Kb / 24P
Clock Generator for Intel짰 Calistoga Chipset
CY28443OXC-2T CYPRESS-CY28443OXC-2T Datasheet
459Kb / 24P
Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28443OXC-3 SPECTRALINEAR-CY28443OXC-3 Datasheet
242Kb / 23P
Clock Generator for Intel짰 Calistoga Chipset
More results

Similar Description - CY28443

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CY28447 ETC2-CY28447 Datasheet
198Kb / 21P
Clock Generator for Intel짰 Calistoga Chipset
logo
SpectraLinear Inc
CY28447 SPECTRALINEAR-CY28447 Datasheet
203Kb / 21P
Clock Generator for Intel짰 Calistoga Chipset
CY28446 SPECTRALINEAR-CY28446 Datasheet
179Kb / 19P
Clock Generator for Intel짰 Calistoga Chipset
CY28443-3 SPECTRALINEAR-CY28443-3 Datasheet
242Kb / 23P
Clock Generator for Intel짰 Calistoga Chipset
CY28412 SPECTRALINEAR-CY28412 Datasheet
205Kb / 16P
Clock Generator for Intel짰 Grantsdale Chipset
logo
Cypress Semiconductor
CY28443-2 CYPRESS-CY28443-2 Datasheet
459Kb / 24P
Clock Generator for Intel짰 Calistoga Chipset
CY28446 CYPRESS-CY28446 Datasheet
349Kb / 21P
Clock Generator for Intel짰 Calistoga Chipset
CY28447 CYPRESS-CY28447 Datasheet
284Kb / 22P
Clock Generator for Intel Calistoga Chipset
logo
Silicon Laboratories
SL28506-2 SILABS-SL28506-2 Datasheet
283Kb / 27P
Clock Generator for Intel짰 Eaglelake Chipset
logo
Cypress Semiconductor
CY28412 CYPRESS-CY28412 Datasheet
302Kb / 17P
Clock Generator for Intel짰 Grantsdale Chipset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com