Electronic Components Datasheet Search
  English  ▼

X  

CY28443 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CY28443
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CY28443 Datasheet HTML 17Page - Cypress Semiconductor CY28443 Datasheet HTML 18Page - Cypress Semiconductor CY28443 Datasheet HTML 19Page - Cypress Semiconductor CY28443 Datasheet HTML 20Page - Cypress Semiconductor CY28443 Datasheet HTML 21Page - Cypress Semiconductor CY28443 Datasheet HTML 22Page - Cypress Semiconductor CY28443 Datasheet HTML 23Page - Cypress Semiconductor CY28443 Datasheet HTML 24Page - Cypress Semiconductor CY28443 Datasheet HTML 25Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 22 of 25
Test and Measurement Set-up
For PCI Single-ended Signals and Reference
The following diagram shows test load configurations for the
single-ended PCI, USB, and REF output signals.
The following diagram shows the test load configuration for the
differential CPU and SRC outputs.
PCI/
USB
REF
33
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
Figure 14.Single-ended Load Configuration Low Drive Option
PCI/
USB
RE F
12
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
12
Ω
M easurem ent
Point
5 pF
60
Ω
Figure 15. Single-ended Load Configuration High Drive Option
CP U T
CP U C
33
Ω
33
Ω
49. 9
Ω
49 . 9
Ω
M eas u r em ent
Po in t
2 pF
475
Ω
IR E F
M e as ur em e n t
Po in t
2 pF
SR C T
SR C C
10 0
Ω D if fer entia l
DO T 9 6 T
DO T 9 6 C
96 _1 00_ S S C T
96 _1 00_ S S C C
Figure 16. 0.7V Differential Load Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com