Electronic Components Datasheet Search
  English  ▼

X  

CY28443 Datasheet(PDF) 19 Page - Cypress Semiconductor

Part # CY28443
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY28443 Datasheet(HTML) 19 Page - Cypress Semiconductor

Back Button CY28443 Datasheet HTML 15Page - Cypress Semiconductor CY28443 Datasheet HTML 16Page - Cypress Semiconductor CY28443 Datasheet HTML 17Page - Cypress Semiconductor CY28443 Datasheet HTML 18Page - Cypress Semiconductor CY28443 Datasheet HTML 19Page - Cypress Semiconductor CY28443 Datasheet HTML 20Page - Cypress Semiconductor CY28443 Datasheet HTML 21Page - Cypress Semiconductor CY28443 Datasheet HTML 22Page - Cypress Semiconductor CY28443 Datasheet HTML 23Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
PRELIMINARY
CY28443
Document #: 38-07716 Rev *C
Page 19 of 25
VOX
Crossing Point Voltage at 0.7V Swing
250
550
mV
VOVS
Maximum Overshoot Voltage
–
VHIGH +
0.3
V
VUDS
Minimum Undershoot Voltage
–0.3
–
V
VRB
Ring Back Voltage
See Figure 16. Measure SE
–
0.2
V
SRC at 0.7V
TDC
SRCT and SRCC Duty Cycle
Measured at crossing point VOX
45
55
%
TPERIOD
100-MHz SRCT and SRCC Period
Measured at crossing point VOX
9.997001
10.00300
ns
TPERIODSS
100-MHz SRCT and SRCC Period, SSC Measured at crossing point VOX
9.997001
10.05327
ns
TPERIODAbs
100-MHz SRCT and SRCC Absolute
Period
Measured at crossing point VOX
9.872001
10.12800
ns
TPERIODSSAbs 100-MHz SRCT and SRCC Absolute
Period, SSC
Measured at crossing point VOX
9.872001
10.17827
ns
TSKEW
Any SRCT/C to SRCT/C Clock Skew
Measured at crossing point VOX
–
250
ps
TCCJ
SRCT/C Cycle to Cycle Jitter
Measured at crossing point VOX
–125[1]
ps
LACC
SRCT/C Long Term Accuracy
Measured at crossing point VOX
–
300
ppm
TR / TF
SRCT and SRCC Rise and Fall Time
Measured from VOL = 0.175 to
VOH = 0.525V
175
700
ps
TRFM
Rise/Fall Matching
Determined as a fraction of
2*(TR – TF)/(TR + TF)
–20
%
∆T
R
Rise TimeVariation
–
125
ps
∆T
F
Fall Time Variation
–
125
ps
VHIGH
Voltage High
Math averages Figure 16
660
850
mV
VLOW
Voltage Low
Math averages Figure 16
–150
–
mV
VOX
Crossing Point Voltage at 0.7V Swing
250
550
mV
VOVS
Maximum Overshoot Voltage
–
VHIGH +
0.3
V
VUDS
Minimum Undershoot Voltage
–0.3
–
V
VRB
Ring Back Voltage
See Figure 16. Measure SE
–
0.2
V
96_100_SSC/SRC0 at 0.7V
TDC
SSCT and SSCC Duty Cycle
Measured at crossing point VOX
45
55
%
TPERIOD
100-MHz SSCT and SSCC Period
Measured at crossing point VOX
9.997001
10.00300
ns
TPERIODSS
100-MHz SSCT and SSCC Period, SSC Measured at crossing point VOX
9.997001
10.05327
ns
TPERIODAbs
100-MHz SSCT and SSCC Absolute
Period
Measured at crossing point VOX
9.872001
10.12800
ns
TPERIODSSAbs 100-MHz SRCT and SRCC Absolute
Period, SSC
Measured at crossing point VOX
9.872001
10.17827
ns
TPERIOD
96-MHz SSCT and SSCC Period
Measured at crossing point VOX
10.41354
10.41979
ns
TPERIODSS
96-MHz SSCT and SSCC Period, SSC Measured at crossing point VOX
10.41354
10.47215
ns
TPERIODAbs
96-MHz SSCT and SSCC Absolute
Period
Measured at crossing point VOX
10.16354
10.66979
ns
TPERIODSSAbs 96-MHz SRCT and SRCC Absolute
Period, SSC
Measured at crossing point VOX
10.16354
10.72266
ns
TCCJ
SSCT/C Cycle to Cycle Jitter
Measured at crossing point VOX
–
140
ps
LACC
SSCT/C Long Term Accuracy
Measured at crossing point VOX
–
300
ppm
Note:
1. Measured with one REF on.
AC Electrical Specifications (continued)
Parameter
Description
Condition
Min.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com