Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1321 Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 10Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 11Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
8
www.zetex.com
© Zetex Semiconductors plc 2008
Output current regulation parameters
NOTES:
(f) System parameter only. This value is dependent upon external components and circuit configuration.
(g) This refers to the accuracy of output current regulation under normal operation when the feedback loop incorporating
the current monitor is active. The tolerances of external components are not included in this figure.
Ordering information
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IOUT
Minimum output/
LED current(f)
VIN>3V
2
A
IOUT
Output current accuracy(g)
3.0V<VIN<12V,
Iout=1A,
VADJ=100mV
-5
+5
%
TCO
I(OUT)
Output current
temperature drift
3.0V<VIN<12V,
Iout=1A,
VADJ=100mV
100
200
ppm/
K
IOUT/
IOUT
Load current regulation
350mA<I(LED)<1A
2
%/A
IOUT/
VIN
Line voltage regulation of
output current
0.5
%/V
Eff
Efficiency(f)
350mA<I(LED)<1A
85
%
Device
Reel size
(mm)
Reel width
(mm)
Quantity
per reel
Device mark
ZXLD1321DCATC
33.02
12
3,000
1321



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com