Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1321 Datasheet(PDF) 18 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 18 Page - Zetex Semiconductors

Back Button ZXLD1321 Datasheet HTML 12Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 13Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 14Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 15Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 16Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 17Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 18Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 19Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 20Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
18
www.zetex.com
© Zetex Semiconductors plc 2008
Additional notes which apply to all operational modes
Note with all these circuits that the ON time is set by the time it takes the coil to reach the peak
current. This peak value is reduced by the control loop to give the desired LED power, so the ON
time can vary over a wide range. The minimum coil current can be zero (discontinuous operation)
or finite (continuous operation) depending on the supply voltage, LED current and the LED
voltage. The OFF time is set by an internal timer and is nominally 1.2µs at 100% LED power (VADJ
= 500mV), increasing to about 8µs at 10% LED power (VADJ = 50mV). The longer OFF time and
variable peak current enables the circuit to dim the LED whilst maintaining continuous switching,
rather than "skipping" or stalling and continuous running is better for reducing electrical noise
and also for eliminating audible noise from the coil core.
Layout considerations
As with all switching DC to DC converters, the currents can be large. Using small inductors with
a reasonably high supply voltage will cause currents to change quickly. High dI/dt can cause
inductively-coupled spikes into adjacent tracks. At the transition from of the ON phase to the OFF
phase and back, where the power transistor switches, the voltage at the collector rises and falls
quickly. High dV/dt can cause capacitively coupled spikes into adjacent tracks, especially if they
have a high impedance. For this reason, all tracks on the PCB should be thick, to minimise drops,
and short to keep all the components coupled tightly together.
A double-sided board should be used with a ground plane to screen the tracks and provide a good
ground return for the various functions and the rear exposed pad on the package should have an
appropriately-sized land with good ground connections, both to reduce electrical noise due to
ground drops and to improve thermal conductivity.
The input decoupling capacitor C1 should be very close to the chip pins and the LED sense
resistor R3 should have Kelvin tracks to M_VIN and M_LOAD to achieve LED current
measurement accuracy, as the PCB tracks will have comparable resistance to the 100m
Ω resistor,
so taking sense tracks to the current monitor which are not connected close to the ends of R3 will
cause a measurement error.
The peak current sense resistor R1 should have short tracks to the ground at the bottom end and
Kelvin tracks to ISENSE at the top end. This resistor might need to be only 25m
Ω and PCB track
resistance becomes comparable if the tracks are not very short. ISENSE is a high impedance
input, so a thin track from this pin directly to the top of RSENSE resistor R1 will still give an accurate
measurement.
The ADJ pin should have short tracks, as this is a fairly low-level signal controlling the power of
the system. As it needs to be less than 28mV for shutdown, a close ground connection is needed
for the pull-down device, as any ground drops could raise the potential. In particular, if a bipolar
transistor is used as a pull-down device, this will have an appreciable VSAT, which could perhaps
be half the shutdown potential.
The bottom of the thermistor must be coupled very closely to ground, as the TADJ pin varies the
LED current from 100% to 0% for a voltage change of only 25mV, so any noise on the bottom of
the thermistor will seriously affect the accuracy of the Thermal Protection circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com