Electronic Components Datasheet Search
  English  ▼

X  

ZXLD1321 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZXLD1321
Description  Boost mode DC-DC converter for LED driving with 1A output and current control
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXLD1321 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZXLD1321 Datasheet HTML 1Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 2Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 3Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 4Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 5Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 6Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 7Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 8Page - Zetex Semiconductors ZXLD1321 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ZXLD1321
Issue 1 - January 2008
4
www.zetex.com
© Zetex Semiconductors plc 2008
Pin description
Name
Pin # Description
ADJ
1
Adjust input
• Leave floating, or connect to VREF to set 100% output current.
• Drive with dc voltage. (50mV<VADJ< VREF) to adjust output
current from 10% to 100% of set value. (DC brightness control
mode)
• Drive with low frequency (200Hz) PWM control signal to gate
output ‘on’ and ‘off’ at the PWM frequency. (PWM brightness
control mode)
• Drive with low level dc voltage (VADJ<28mV) to turn off device
(Standby mode)
BIAS
2
Bias pin for setting base current of internal switch transistor
• Short pin to ground to define maximum base drive current for
output switch (Maximum output current condition)
• Connect resistor (RBIAS) from this pin to ground to reduce base
drive current (Reduced output current condition)
CFB
3
Compensation point
• Connect 10nF capacitor from this pin to ground to provide loop
compensation
N/C
4
No connection to this pin (open circuit)
ISENSE
5
Switch peak current sense pin
• Connect resistor (RSENSE) from this pin to ground to define peak
switch current (ISWPEAK)=VSENSE/RSENSE
EMITTER
6, 7
Switch emitters (connect both pins to top of RSENSE to sense emitter current)
COLLECTOR
8, 9
Switch collectors (connect both pins to lower side of coil)
M_LOAD
10
Load side input of high side current monitor
M_VIN
11
Input supply to high side current monitor
• Connect to output voltage (cathode of Schottky)
• Connect resistor (RM) between M_LOAD and M_VIN to define
nominal average output (LED) current of 0.1/RM
VIN
12
Positive supply to device (1.2-12V)
• Decouple to ground with capacitor close to device
TADJ
13
Temperature adjust input for LED thermal compensation
• Connect thermistor/resistor network to this pin to reduce output
current above a preset temperature threshold.
• Connect to VREF to disable thermal compensation function
(see section on temperature control for details)
VREF
14
Internal 0.5V reference voltage output
Exposed pad
15
Connect to ground (0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com